Electronic Components Datasheet Search
  English  ▼

X  

LP61L256C Datasheet(PDF) 3 Page - AMIC Technology

Part # LP61L256C
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256C Datasheet(HTML) 3 Page - AMIC Technology

  LP61L256C Datasheet HTML 1Page - AMIC Technology LP61L256C Datasheet HTML 2Page - AMIC Technology LP61L256C Datasheet HTML 3Page - AMIC Technology LP61L256C Datasheet HTML 4Page - AMIC Technology LP61L256C Datasheet HTML 5Page - AMIC Technology LP61L256C Datasheet HTML 6Page - AMIC Technology LP61L256C Datasheet HTML 7Page - AMIC Technology LP61L256C Datasheet HTML 8Page - AMIC Technology LP61L256C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
2
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
256 X 1024
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
COLUMN DECODER
CONTROL
CIRCUIT
WE
I/O7
I/O0
A12
A9
A7
A0
A1
A14
VCC
GND
A13
OE
A5
CE
A8
A4
A6
A10
A11
A2 A3
Pin Descriptions - SOJ
Pin No.
Symbol
Description
1 - 10, 21, 23 - 26
A0 - A14
Address Inputs
11 - 13, 15 - 19
I/O0 - I/O7
Data Inputs/Outputs
14
GND
Ground
28
VCC
Power Supply
20
CE
Chip Enable
22
OE
Output Enable
27
WE
Write Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com