Electronic Components Datasheet Search
  English  ▼

X  

LP61L256CS-15 Datasheet(PDF) 9 Page - AMIC Technology

Part # LP61L256CS-15
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256CS-15 Datasheet(HTML) 9 Page - AMIC Technology

Back Button LP61L256CS-15 Datasheet HTML 3Page - AMIC Technology LP61L256CS-15 Datasheet HTML 4Page - AMIC Technology LP61L256CS-15 Datasheet HTML 5Page - AMIC Technology LP61L256CS-15 Datasheet HTML 6Page - AMIC Technology LP61L256CS-15 Datasheet HTML 7Page - AMIC Technology LP61L256CS-15 Datasheet HTML 8Page - AMIC Technology LP61L256CS-15 Datasheet HTML 9Page - AMIC Technology LP61L256CS-15 Datasheet HTML 10Page - AMIC Technology LP61L256CS-15 Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
8
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Time
2 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
+3.3V
I/O
351
Ω
317
Ω
5pF*
* Including scope and jig.
ZO=50
Ω
OUTPUT
RL=50
Ω
VT=1.5V
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ,
tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = 0
°C to 70°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2
3.6
V
CE
≥ VCC - 0.2V
ICCDR
Data Retention Current
-
2
mA
VCC = 2.0V
CE
≥ VCC - 0.2V
VIN
≥ VCC - 0.2V or
VIN
≤ 0.2V
tCDR
Chip Disable to Data Retention
Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
tRC*
-
ns
tRC = Read Cycle Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com