Electronic Components Datasheet Search
  English  ▼

X  

LP61L256CS-15 Datasheet(PDF) 10 Page - AMIC Technology

Part # LP61L256CS-15
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256CS-15 Datasheet(HTML) 10 Page - AMIC Technology

Back Button LP61L256CS-15 Datasheet HTML 3Page - AMIC Technology LP61L256CS-15 Datasheet HTML 4Page - AMIC Technology LP61L256CS-15 Datasheet HTML 5Page - AMIC Technology LP61L256CS-15 Datasheet HTML 6Page - AMIC Technology LP61L256CS-15 Datasheet HTML 7Page - AMIC Technology LP61L256CS-15 Datasheet HTML 8Page - AMIC Technology LP61L256CS-15 Datasheet HTML 9Page - AMIC Technology LP61L256CS-15 Datasheet HTML 10Page - AMIC Technology LP61L256CS-15 Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
9
AMIC Technology, Inc.
Low VCC Data Retention Waveform
VCC
CE
tCDR
VIH
3.0V
tR
VIH
3.0V
DATA RETENTION MODE
VDR
≥ 2.0V
CE
≥ VDR - 0.2V
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
Standby Current
Max. (mA)
Package
LP61L256CS-12
12
120
5
28L SOJ
LP61L256CS-15
15
120
5
28L SOJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com