Electronic Components Datasheet Search
  English  ▼

X  

ACU50752 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACU50752
Description  CATV/TV Cable modem Upconverter MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU50752 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACU50752 Datasheet HTML 1Page - ANADIGICS, Inc ACU50752 Datasheet HTML 2Page - ANADIGICS, Inc ACU50752 Datasheet HTML 3Page - ANADIGICS, Inc ACU50752 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACU50752S3C
CATV/TV/Cable Modem Upconverter MMIC
Advanced Product Information
Rev. 0
FEATURES
• Integrated Monolithic Upconverter
• Compatible with all digital and analog modulation types
• 5 Volt Operation
• Low Power Consumption
• Low Noise Figure
• High Conversion Gain
• Low Distortion
• Excellent Oscillator Purity and Phase Noise
• Remote Shutdown Feature
• Small Size
• Low Cost
• High Reliability
DESCRIPTION
The ACU50752 is a Monolithic GaAs IC designed to perform
the upconverter functions in a double conversion tuner: gain
block, local oscillator and balanced mixer. The
specifications meet the requirements of CATV, TV and
Cable Modem applications. Supplied in a 16-lead SOIC
package and requiring only a single polarity 5 V supply (or
3.5 V, with slightly reduced performance), the IC is well
suited in situations where small size, low cost, low auxiliary
parts count and a no-compromise performance is important.
It provides tuner manufacturers the opportunity to reduce
cost by lowering the component count and decreasing the
amount of labor-intensive production alignment steps, while
significantly improving performance and reliability.
ABSOLUTE MAXIMUM RATINGS
S3C
16 Pin SOIC Package
PARAMETER
ABSOLUTE MAXIMUM
VDD/VIF/VOSC (Pins 1,10,14,& 16)
9
VDC
VRF/VTUNE (Pins 6 & 11)*
0
VDC
RF Input Voltage
+60
dBmV
Storage Temperature
- 55 to +200
°C
Soldering Temperature
260
°C
Soldering Time
5
Sec.
Operating Case Temperature
- 40 to + 85
°C
PHASE
8
5
6
7
SPLITTER
OSC
2
3
4
1
MXR
9
12
11
10
15
14
13
16
LOW NOISE
AMP
R
IN
+90
- 90
IF
1, +VDD
GND
GND
RF
IN
GND
GND*
V
DDLO
T
CKT
GND
OSC
OUT
GND
IF
2, +V DD
Shut Down/
Current Adjust
Inductor
* Varactor return. Do not connect to common ground
FUNCTIONAL BLOCK DIAGRAM
A


Similar Part No. - ACU50752

ManufacturerPart #DatasheetDescription
logo
JSP Ltd.
ACU191-001-100 JSP-ACU191-001-100 Datasheet
118Kb / 5P
Hard Cap Knee Protectors
logo
ANADIGICS, Inc
ACU2109 ANADIGICS-ACU2109 Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
CATV/TV Cable modem Upconverter MMIC
Rev 1
ACU2109S3C ANADIGICS-ACU2109S3C Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
ACU2109S3CTR ANADIGICS-ACU2109S3CTR Datasheet
338Kb / 12P
Wideband Tuner Upconverter Data Sheet - Rev 2.4
Rev 2.4
More results

Similar Description - ACU50752

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
12-Mar-1999
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
12-Mar-1999
logo
ANADIGICS, Inc
ACU2109S3 ANADIGICS-ACU2109S3 Datasheet
213Kb / 6P
CATV/TV Cable modem Upconverter MMIC
Rev 1
logo
Eudyna Devices Inc
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
20-32GHz Upconverter MMIC
logo
TOKO, Inc
R975ACITN-1140 TOKO-R975ACITN-1140 Datasheet
216Kb / 2P
Diplexers for Digital CATV Set Top Box and Cable Modem
logo
Sanyo Semicon Device
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
RF Micro Devices
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
logo
Advanced Semiconductor ...
ASW220 ASB-ASW220 Datasheet
803Kb / 12P
CATV MMIC Amplifier
June 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com