Electronic Components Datasheet Search
  English  ▼

X  

ACU50752 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACU50752
Description  CATV/TV Cable modem Upconverter MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU50752 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACU50752 Datasheet HTML 1Page - ANADIGICS, Inc ACU50752 Datasheet HTML 2Page - ANADIGICS, Inc ACU50752 Datasheet HTML 3Page - ANADIGICS, Inc ACU50752 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
A
ACU50752S3C
0.01 uF
100 pF
3.3 uH
3.3 uH
BALUN
1:1
100 pF
IF
OUT
shut down/ *
current adjust
0.01 uF
0.01 uF
RF
IN
3.3uH
0.01 uF
330 uF
TAN
5 V
DC
(V
DD Osc.)
Tuning Voltage
.01 uF
68 nH 47Ω
ISV245
9.1 pF
100 pF
OSC OUT
(To prescaler)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5 V
DC
(V
DD Mixer)
L
RI
RG
NOTES:
L
=
Printed inductor
RG
=
Gain control/impedance match resistor (240W for 8 dB gain)
RI
=
Current adjust resistor (2.7W for 60 mA mixer current)
*
=
Apply -2V DC for shutdown, 0< VDC < 0.3 for 60 mA mixer current
OPERATING RANGES
PARAMETER
MIN.
TYPICAL
MAX.
UNITS
Frequency
RF
IF
LO
50
900
950
860
1200
2060
MHz
VTUNE
1.5
27
Volts
VDDIF
4.75
5
5.25
Volts
VDDLO
4.75
5
5.25
Volts
IDDIF
58
80
mA
IDDLO
60
80
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com