Electronic Components Datasheet Search
  English  ▼

X  

ADC20013 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ADC20013
Description  950 - 2050 MHz DBS Tuner IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADC20013 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ADC20013 Datasheet HTML 1Page - ANADIGICS, Inc ADC20013 Datasheet HTML 2Page - ANADIGICS, Inc ADC20013 Datasheet HTML 3Page - ANADIGICS, Inc ADC20013 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
35 Technology Drive, Warren NJ: Phone 908-669-5000, Fax: 908-668-5132
adc20013
02/26/99, 1

ADC20013
950 – 2050 MHz DBS Tuner IC
Data Sheet
Rev 8
FEATURES
FUNCTIONAL BLOCK DIAGRAM
„ Monolithic BS tuner IC
„ On Chip Oscillator
„ 6 dB Noise Figure
„ 11 dB Conversion Gain
„ Single + 5V Supply
„ Small Size
„ Low Cost
„ High Reliability
„ Surface Mount Package
LO
IF
OSC
RF
DD
V
The ANADIGICS DBS (Direct Broadcast Satellite) Tuner IC is intended for use in high volume, low
cost manufacturing of compact DBS tuners for satellite receivers and integrated satellite ready
TV/VTR receivers.
The ADC20013 Tuner IC provides DBS tuner manufacturers the ability to produce, in high volumes,
tuners with low component count, minimal tuning, small size, high reliability and exceptional price-
performance ratios.
The ADC20013 offers a high degree of functionality in a very small and user friendly configuration.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN.
MAX.
UNITS
VDD/VIF
VLO
VRF
VOSC
Case Temperature
Storage Temperature
Input Power RF
Input Power LO
0
- 5
- 10
- 5
- 55
- 55
+7
+.5
+.5
+ 5
+ 85
+ 100
+ 10
+ 17
V
V
V
V
oC
oC
dBm
dBm


Similar Part No. - ADC20013

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC20013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
TV TUNER IC
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
Silicon Tuner IC
Rev. 03-11 September 2008
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
Silicon Tuner IC
Rev. 04-19 May 2009
logo
Analog Devices
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
logo
KR Electronics, Inc.
3078-950 KR-3078-950 Datasheet
75Kb / 3P
950 MHz Bandpass Filter
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com