Electronic Components Datasheet Search
  English  ▼

X  

ADC20013 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ADC20013
Description  950 - 2050 MHz DBS Tuner IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADC20013 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ADC20013 Datasheet HTML 1Page - ANADIGICS, Inc ADC20013 Datasheet HTML 2Page - ANADIGICS, Inc ADC20013 Datasheet HTML 3Page - ANADIGICS, Inc ADC20013 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35 Technology Drive, Warren NJ: Phone 908-669-5000, Fax: 908-668-5132
adc20013
02/26/99, 2
ELECTRICAL SPECIFICATIONS
(Packaged unit, TA = 25 oC, VDD = + 5V)
PARAMETER
MIN.
TYP.
MAX.
UNITS
Frequency
RF
LO
1
IF
950
1430
480
2050
2530
MHz
MHz
MHz
Conversion Gain
6
611
dB
SSB Noise Figure
6
6.5
11
dB
Third Order IMD4
(-20 dBm Tones, 5 MHz Apart)
- 40
-35
dBc
Second Order IMD
(-20 dBm Input Level)
- 25
- 20
dBc
LO Leakage 1,2
RF Port
IF Port
- 30
0
- 25
3
dBm
dBm
LO Output Level for PLL 3
-8
- 4
dBm
Tuning Voltage 1(VT)
120
Volts
VCO Phase Noise5
10 kHz Offset
100 kHz Offset
- 70
- 100
- 65
- 95
dBc/Hz
dBc/Hz
Input Impedance7
Output Impedance 7
Power Supply Current (+ 5V)
60
85
mA
NOTES
1. Measured in ANADIGICS test fixture with Toshiba 1SV186 off-chip-varactor.
2. Includes external coupling through test fixture.
3. Oscillator output for external PLL. (Pin 14)
4. Measured at 1450 & 1750 MHz.
5. Measured using PLL (LBW =1KHz, Reference = 1.25 MHz, Step Size = 10 MHz).
6. Measured in ANADIGICS test set-up.
7. See Smith charts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com