Electronic Components Datasheet Search
  English  ▼

X  

STOD03ATPUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD03ATPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ATPUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD03ATPUR Datasheet HTML 2Page - STMicroelectronics STOD03ATPUR Datasheet HTML 3Page - STMicroelectronics STOD03ATPUR Datasheet HTML 4Page - STMicroelectronics STOD03ATPUR Datasheet HTML 5Page - STMicroelectronics STOD03ATPUR Datasheet HTML 6Page - STMicroelectronics STOD03ATPUR Datasheet HTML 7Page - STMicroelectronics STOD03ATPUR Datasheet HTML 8Page - STMicroelectronics STOD03ATPUR Datasheet HTML 9Page - STMicroelectronics STOD03ATPUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
STOD03A
6/22
DocID17785 Rev 3
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VINP
DC supply voltage
-0.3 to 6
V
EN, SWIRE
Logic input pins
-0.3 to 4.6
V
ILX2
Inverting converter switching current
Internally limited
A
LX2
Inverting converter switching node voltage
-10 to VINP+0.3
V
VO2
Inverting converter output voltage
-10 to AGND+0.3
V
VMID
Step-up converter and output voltage
-0.3 to 6
V
LX1
Step-up converter switching node voltage
-0.3 to VMID+0.3
V
ILX1
Step-up converter switching current
Internally limited
A
VREF
Reference voltage
-0.3 to 3
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
ESD protection HBM
2
kV
Table 5. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient referred to the FR-4 PCB
48.8
°C/W
RthJC
Thermal resistance junction-case
2.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com