Electronic Components Datasheet Search
  English  ▼

X  

STOD03ATPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STOD03ATPUR
Description  Dual DC-DC converter for powering AMOLED displays
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03ATPUR Datasheet(HTML) 1 Page - STMicroelectronics

  STOD03ATPUR Datasheet HTML 1Page - STMicroelectronics STOD03ATPUR Datasheet HTML 2Page - STMicroelectronics STOD03ATPUR Datasheet HTML 3Page - STMicroelectronics STOD03ATPUR Datasheet HTML 4Page - STMicroelectronics STOD03ATPUR Datasheet HTML 5Page - STMicroelectronics STOD03ATPUR Datasheet HTML 6Page - STMicroelectronics STOD03ATPUR Datasheet HTML 7Page - STMicroelectronics STOD03ATPUR Datasheet HTML 8Page - STMicroelectronics STOD03ATPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
June 2013
DocID17785 Rev 3
1/22
STOD03A
Dual DC-DC converter for powering AMOLED displays
Datasheet
- production data
Features
• Step-up and inverter converters
• Operating input voltage range from 2.3 V to
4.5 V
• Synchronous rectification for both DC-DC
converters
• 200 mA output current
• 4.6 V fixed positive output voltages
• Programmable negative voltage by SWIRE from
- 2.4 V to - 5.4 V
• Typical efficiency: 85%
• Pulse skipping mode in light load condition
• 1.5 MHz PWM mode control switching
frequency
• Enable pin for shutdown mode
• Low quiescent current: < 1 µA in shutdown
mode
• Soft-start with inrush current protection
• Overtemperature protection
• Temperature range: - 40 °C to 85 °C
• True-shutdown mode
• Fast discharge outputs of the circuits after
shutdown
• Package DFN12L (3 x 3) 0.6 mm height
Applications
• Active matrix AMOLED power supply
• Cellular phones
• Camcorders and digital still cameras
• Multimedia players
Description
The STOD03A is a dual DC-DC converter for
AMOLED display panels. It integrates a step-up
and an inverting DC-DC converter making it
particularly suitable for battery operated products,
in which the major concern is overall system
efficiency. It works in pulse skipping mode during
low load conditions and PWM-MODE at 1.5 MHz
frequency for medium/high load conditions. The
high frequency allows the value and size of
external components to be reduced. The Enable
pin allows the device to be turned off, therefore
reducing the current consumption to less than
1 µA. The negative output voltage can be
programmed by an MCU through a dedicated pin
which implements single-wire protocol. Soft-start
with controlled inrush current limit and thermal
shutdown are integrated functions of the device.
DFN12L (3 x 3 mm)
Table 1. Device summary
Order code
Positive voltage
Negative voltage
Package
Packaging
STOD03ATPUR
4.6V
-2.4V to -5.4V
DFN12L (3 x 3mm)
3000 parts per reel
www.st.com


Similar Part No. - STOD03ATPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
More results

Similar Description - STOD03ATPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
Dual DC-DC converter for powering AMOLED displays
20-Dec-2011
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
250 mA dual DC-DC converter for powering AMOLED displays
14-Dec-2011
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
Dual DC-DC converter for powering an AMOLED display
30-Nov-2010
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
Dual DC-DC converter for powering AMOLED displays
19-Jun-2013
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
Dual DC-DC converter for powering AMOLED displays
28-Jul-2013
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
700 mA dual DC-DC converter for powering AMOLED displays
16-Aug-2012
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
300 mA triple DC-DC converter for powering AMOLED display
07-Jan-2014
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
300 mA triple DC-DC converter for powering AMOLED displays
16-Jul-2014
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
100 mA triple DC-DC converter for powering AMOLED displays
04-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com