Electronic Components Datasheet Search
  English  ▼

X  

STP16CPC26MTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP16CPC26MTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26MTR Datasheet(HTML) 1 Page - STMicroelectronics

  STP16CPC26MTR Datasheet HTML 1Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 2Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 3Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 4Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 5Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 6Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 7Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 8Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
January 2013
Doc ID 18469 Rev 4
1/26
26
STP16CPC26
Low voltage 16-bit constant current LED sink driver
Datasheet — production data
Features
■ 16 constant current output channels
■ Adjustable output current through external
resistor
■ Output current: 5 mA to 90 mA
■ ±1% typical current accuracy bit to bit
■ Max clock frequency: 30 MHz
■ 20 V current generators rated voltage
■ 3 - 5.5 V power supply
■ Thermal shutdown for overtemperature
protection
Applications
■ Video display panel LED driver
■ Special lighting
Description
The STP16CPC26 is a monolithic, low voltage,
16-bit constant current LED sink driver. The
device contains a 16-bit shift register and data
latches, which convert serial input data into
parallel output format. In the output stage sixteen
regulated current generators provide 5 mA to 90
mA constant current to drive LEDs. The current is
externally adjusted through a resistor. LED
brightness can be adjusted from 0% to 100% via
OE
pin.
The STP16CPC26 guarantees a 20 V driving
capability, allowing users to connect more LEDs in
series to each current source.
The high 30 MHz clock frequency makes the
device suitable for high data rate transmission.
The thermal shutdown (170°C with about 15°C
hysteresis) assures protection from
overtemperature events.
The STP16CPC26 is housed in four different
packages: QSOP24, SO-24, TSSOP-24 and
HTSSOP-24 (with exposed pad).
SO-24
TSSOP-24
TSSOP-24
(exposed pad)
QSOP24
Table 1.
Device summary
Order codes
Package
Packaging
STP16CPC26MTR
SO-24
1000 parts per reel
STP16CPC26TTR
TSSOP24
2500 parts per reel
STP16CPC26XTR
TSSOP24 exposed pad
2500 parts per reel
STP16CPC26PTR
QSOP24
2500 parts per reel
www.st.com


Similar Part No. - STP16CPC26MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16CPC26MTR STMICROELECTRONICS-STP16CPC26MTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
More results

Similar Description - STP16CPC26MTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
Low voltage 16-bit constant current LED sink driver
20-Jan-2010
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com