Electronic Components Datasheet Search
  English  ▼

X  

STP16CPC26MTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP16CPC26MTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPC26MTR Datasheet(HTML) 4 Page - STMicroelectronics

  STP16CPC26MTR Datasheet HTML 1Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 2Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 3Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 4Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 5Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 6Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 7Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 8Page - STMicroelectronics STP16CPC26MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical ratings
STP16CPC26
4/26
Doc ID 18469 Rev 4
2
Electrical ratings
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DD
Supply voltage
0 to 7
V
V
O
Output voltage
-0.5 to 20
V
I
O
Output current
90
mA
V
I
Input voltage
-0.4 to V
DD
+0.4
V
I
GND
GND terminal current
1600
mA
ESD
Electrostatic discharge protection HBM human
body model
±2
kV
f
CLK
Clock frequency
30
MHz
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
T
A
Operating free-air temperature range
-40 to +125
°C
T
OPR
Operating temperature range
-40 to +150
T
STG
Storage temperature range
-55 to +150
R
thJA
Thermal resistance junction-case
(1)
1.
According with JEDEC standard 51-7B.
SO-24
60
°C/W
TSSOP24
85
TSSOP24
(2)
2.
The exposed pad should be soldered directly to the PCB to realize the thermal benefits.
37.5
QSOP24
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com