Electronic Components Datasheet Search
  English  ▼

X  

TL5812FN Datasheet(PDF) 5 Page - Texas Instruments

Part # TL5812FN
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5812FN Datasheet(HTML) 5 Page - Texas Instruments

  TL5812FN Datasheet HTML 1Page - Texas Instruments TL5812FN Datasheet HTML 2Page - Texas Instruments TL5812FN Datasheet HTML 3Page - Texas Instruments TL5812FN Datasheet HTML 4Page - Texas Instruments TL5812FN Datasheet HTML 5Page - Texas Instruments TL5812FN Datasheet HTML 6Page - Texas Instruments TL5812FN Datasheet HTML 7Page - Texas Instruments TL5812FN Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL5812, TL5812l
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS011B − OCTOBER 1985 − REVISED MAY 1993
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over operating free-air temperature range, VDD = 5 V to 15 V, VBB = 60 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Q outputs
IOH = − 25 mA
57.5
58.2
VOH
High-level output
SERIAL DATA OUT
VCC1 = 5 V,
IOH = − 20 µA
4.5
4.9
V
VOH
High-level output
SERIAL DATA OUT
VCC1 = 15 V,
IOH = − 20 µA
14.5
14.9
V
Q outputs
IOL = 1 mA,
BLANKING at VCC1
0.7
1.5
VOL
Low-level output voltage
SERIAL DATA OUT
VCC1 = 5 V,
IOL = 20 µA
0.06
0.3
V
VOL
Low-level output voltage
SERIAL DATA OUT
VCC1 = 15 V,
IOL = 20 µA
0.03
0.3
V
IIH
High-level input current
VI = VCC1
0.3
1
µA
IIL
Low-level input current
VI = 0
− 0.3
−1
µA
IOL
Low-level output current (pulldown current)
VO = 60 V,
BLANKING at VCC1
2.5
3.2
µA
IO(off)
Off-state output current
VO = 0,
BLANKING at VCC1
< − 1
−15
µA
ICC2
Supply current from VCC2
Outputs high
3.5
8
mA
ICC2
Supply current from VCC2
Outputs low
0.02
0.5
mA
ICC1
Supply current from VCC1
VCC1 = 5 V
1.5
3
mA
ICC1
Supply current from VCC1
VCC1= 15 V
1.7
4
mA
‡ All typical characteristics are at TA= 25°C.
timing requirements over operating free-air temperature range
MIN
MAX
UNIT
tw(CKH)
Pulse duration, CLOCK high
VCC1 = 5 V
500
ns
tw(CKH)
Pulse duration, CLOCK high
VCC1 = 15 V
100
ns
tw(LEH)
Pulse duration, LATCH ENABLE high
VCC1 = 5 V
500
ns
tw(LEH)
Pulse duration, LATCH ENABLE high
VCC1 = 15 V
100
ns
tsu(D)
Setup time, DATA IN before CLOCK
↑
VCC1 = 5 V
150
ns
tsu(D)
Setup time, DATA IN before CLOCK
↑
VCC1 = 15 V
75
ns
th(D)
Hold time, DATA IN after CLOCK
↑
VCC1 = 5 V
150
ns
th(D)
Hold time, DATA IN after CLOCK
↑
VCC1 = 15 V
75
ns
td(CKH-LEH) Delay time, CLOCK↑ to LATCH ENABLE high
VCC1 = 5 V
150
ns
td(CKH-LEH) Delay time, CLOCK↑ to LATCH ENABLE high
VCC1 = 15 V
75
ns
switching characteristics, VBB = 60 V, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
tpd
Propagation delay time, LATCH ENABLE to Q outputs
VCC1 = 5 V
2.2
s
tpd
Propagation delay time, LATCH ENABLE to Q outputs
VCC1 = 15 V
0.8
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com