Electronic Components Datasheet Search
  English  ▼

X  

TL5812FN Datasheet(PDF) 1 Page - Texas Instruments

Part # TL5812FN
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5812FN Datasheet(HTML) 1 Page - Texas Instruments

  TL5812FN Datasheet HTML 1Page - Texas Instruments TL5812FN Datasheet HTML 2Page - Texas Instruments TL5812FN Datasheet HTML 3Page - Texas Instruments TL5812FN Datasheet HTML 4Page - Texas Instruments TL5812FN Datasheet HTML 5Page - Texas Instruments TL5812FN Datasheet HTML 6Page - Texas Instruments TL5812FN Datasheet HTML 7Page - Texas Instruments TL5812FN Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL5812, TL5812l
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS011B − OCTOBER 1985 − REVISED MAY 1993
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Drives up to 20 Lines
D 70-V Output Voltage Swing Capability
D 40-mA Output Source Current Capability
D High-Speed Serially-Shifted Data Input
D CMOS-Compatible Inputs
D Direct Replacement for Sprague UCN5812A
description
The TL5812 and TL5812I are monolithic BIDFET†
integrated circuits designed to drive a dot matrix
or segmented vacuum fluorescent display (VFD).
Each device features a serial data output to
cascade additional devices for large display
arrays.
A 20-bit data word is serially loaded into the shift
register on the low-to-high transition of CLOCK.
Parallel data is transferred to the output buffers
through a 20-bit D-type latch while LATCH
ENABLE is high and is latched when LATCH
ENABLE is low. When BLANKING is high, all
outputs are low.
The outputs are totem-pole structures formed by
npn emitter-follower and double-diffused MOS
(DMOS) transistors with output voltage ratings of
70 V and a source-current capability of 40 mA. All
inputs are CMOS compatible.
The TL5812 is characterized for operation from
0
°C to 70°C. The TL5812I is characterized for
operation from − 40
°C to 85°C.
† BIDFET − Bipolar, double-diffused, N-channel and P-channel MOS transistors on same chip. This is a patented process.
Copyright
 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
32 1
13 14
5
6
7
8
9
10
11
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q18
Q17
Q16
Q15
Q14
Q13
Q12
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
FN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC2
SERIAL DATA OUT
Q20
Q19
Q18
Q17
Q16
Q15
Q14
Q13
Q12
Q11
BLANKING
GND
VCC1
DATA IN
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
LATCH ENABLE (STROBE)
CLOCK
N PACKAGE
(TOP VIEW)


Similar Part No. - TL5812FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVERS
More results

Similar Description - TL5812FN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVER
logo
Texas Instruments
SN65518 TI-SN65518 Datasheet
136Kb / 9P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI-SN65512C Datasheet
85Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B TI-TL4810B Datasheet
334Kb / 6P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512B TI1-SN65512B Datasheet
116Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B_1998 TI1-TL4810B_1998 Datasheet
110Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com