Electronic Components Datasheet Search
  English  ▼

X  

TLV5535 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5535 Datasheet HTML 2Page - Texas Instruments TLV5535 Datasheet HTML 3Page - Texas Instruments TLV5535 Datasheet HTML 4Page - Texas Instruments TLV5535 Datasheet HTML 5Page - Texas Instruments TLV5535 Datasheet HTML 6Page - Texas Instruments TLV5535 Datasheet HTML 7Page - Texas Instruments TLV5535 Datasheet HTML 8Page - Texas Instruments TLV5535 Datasheet HTML 9Page - Texas Instruments TLV5535 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, fCLK = 35 MSPS, external
voltage references (unless otherwise noted) (continued)
reference input (AVDD = DVDD = DRVDD = 3.6 V)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rref
Reference input resistance
400
Ω
Iref
Reference input current
2.5
mA
reference outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(REFTO)
Reference top offset voltage
Absolute min/max values valid
2.07
2 + [(AVDD – 3) ÷ 2]
2.21
V
V(REFBO)
Reference bottom offset voltage
and tested for AVDD = 3.3 V
1.09
1 + [(AVDD – 3) ÷ 2]
1.21
V
dynamic performance†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fin = 1 MHz
6.6
7.4
Effective number of bits (ENOB)
fin = 4.2 MHz
6.6
7.4
Bits
fin = 15 MHz
7
fin = 1 MHz
41.5
46
Signal-to-noise ratio + distortion (SNRD)
fin = 4.2 MHz
41.5
46
dB
fin = 15 MHz
43
fin = 1 MHz
–46
–55
Total harmonic distortion (THD)
fin = 4.2 MHz
–45.5
–54
dB
fin = 15 MHz
–50
fin = 1 MHz
48
58
Spurious free dynamic range (SFDR)
fin = 4.2 MHz
48
58
dB
fin = 15 MHz
52
Analog input full-power bandwidth, BW
See Note 4
600
MHz
Differential phase DP
f35 MH
f
4 2 MH
06°
Differential phase, DP
fCLK = 35 MHz, fin = 4.2 MHz,
0.6
Differential gain DG
CLK
in
20 IRE amplitude vs full-scale of 140 IRE
02%
Differential gain, DG
20 IRE am litude vs full scale of 140 IRE
0.2%
† Based on analog input voltage of – 1-dB FS referenced to a 1.3 Vpp full-scale input range and using the external voltage references at
fCLK = 35 MSPS with AVDD = DVDD = 3.3 V and DRVDD = 3 V at 25°C.
NOTE 4: The analog input bandwidth is defined as the maximum frequency of a –1-dB FS input sine that can be applied to the device for which
an extra 3-dB attenuation is observed in the reconstructed output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com