Electronic Components Datasheet Search
  English  ▼

X  

TLV5535 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5535
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5535 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLV5535 Datasheet HTML 26Page - Texas Instruments TLV5535 Datasheet HTML 27Page - Texas Instruments TLV5535 Datasheet HTML 28Page - Texas Instruments TLV5535 Datasheet HTML 29Page - Texas Instruments TLV5535 Datasheet HTML 30Page - Texas Instruments TLV5535 Datasheet HTML 31Page - Texas Instruments TLV5535 Datasheet HTML 32Page - Texas Instruments TLV5535 Datasheet HTML 33Page - Texas Instruments TLV5535 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV5535 EVALUATION MODULE
Table 3. TLV5535EVM Bill of Material (Continued)
QTY.
REFERENCE DESIGNATOR
VALUE
SIZE
DESCRIPTION
MANUFACTURER/
PART NUMBER†
1
U4
TLE2144CDW
16-SOP(D)
Quad op amp
Texas Instruments
TLE2144CDW/
TLE2144IDW
1
U6
TLV5535PW
28-TSSOP (PW)
Texas Instruments
TLV5535PW
1
U1
TPS7133
8-SOP(D)
Low-dropout voltage regulator
Texas Instruments
TPS7133QD
6
W2, W4, W5, W6, W7, W8
SPST
2 position jumper, 0.1
I spacing
Samtec
TSW-102-07-L-S
or equivalent
2
W1, W3
DPFT
3 position jumper, 0.1
I spacing
Samtec
TSW-103-07-L-S
or equivalent
1
X1
NA
Crystal oscillator
Epson
SG-8002DC series
† Manufacturer and part number data for reference only. Equivalent parts might be substituted on the EVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com