Electronic Components Datasheet Search
  English  ▼

X  

IMX-2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IMX-2000
Description  Industrial Mobile Handheld Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMX-2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IMX-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMX-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Product Illustration
Model Name
Description
IMX-2170
Rugged Handheld Device, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2171
Rugged Handheld Device, 1D, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2172
Rugged Handheld Device, 2D, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2173
Rugged Handheld Device, 1D, HF RFID, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2175
Rugged Handheld Device, HF RFID, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2177
Rugged Handheld Device, 1D, NFC, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-2178
Rugged Handheld Device, 2D, NFC, Qualcomm, Android 2.3, BT/WiFi, GPS, 3.5G high speed, 3900mAh
IMX-1000
Charging cradle with extra battery slot
Scan window
Power LED
Power key
USB port
Stylus
Camera with
LED flash
Function key
Charging pad
Bluetooth LED
Headset slot
Volume up
Volume down
Keypad area
www.adlinktech.com
www.adlinktech.com
IMX-2000 Industrial Mobile Handheld Device



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com