Electronic Components Datasheet Search
  English  ▼

X  

IMX-2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMX-2000
Description  Industrial Mobile Handheld Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMX-2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMX-2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMX-2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Android 2.3 operating system
■ 3.5” QVGA display; sunlight readable
■ Data input by numeric keypad in Android
■ Wireless radio
WLAN: IEEE 802.11 b/g/n
WPAN: Class II EDR, V2.1
WWAN: GSM / WCDMA / HSDPA
■ Integrated GPS & AGPS
■ Data capture
1D laser engine / 2D imager
NFC PN544 (13.56MHz)
■ 5M pixel camera; auto focus
■ 3900mAh Li-ion battery
■ 1.5m drop and IP65 sealing
Physical Characteristics
Working Environment
Wireless
Performance Characteristics
Data Capture
Dimensions
(L x W x T)
162 x 80 x 30.5(mm) / 6.3 x 3.1 x 1.2(inch)
Weight
385g (including battery)
Display
3.5” QVGA TFT-LCD, resistor-type touch panel
Resolution: 240 x 320; sunlight readable
Keypad
28 numeric+ 4 side keys
Main
Battery
Rechargeable lithium battery: 3.7V / 3900mAh
Expansion Slot
microSD, support SDHC up to 32GB
SIM Slot
2 SIM card slots (1 for 3G / 1 for LTE)
Camera
5M pixels , autofocus with LED flash
GPS
Integrated GPS / AGPS
Audio
Options
Speaker, receiver, microphone, headset, bluetooth
headset, supporting duplex sound recording and voice
output
Notifications
Programmable LEDs; audio notifications; vibrator
alerts
Operating
Temperature
-10°C ~ 50°C / 14°F ~ 122°F
Storage
Temperature
-20°C ~ 60°C / -4°F ~ 140°F
Charging Tem-
perature
0°C ~ 40°C / 32°F ~ 104°F
Humidity
5% to 95% (no condensation)
Drop Spec
1.5m drop onto metal
Sealing Spec
IP65
Electrostatic
±12KV (air discharge) / ±8KV (direct discharge)
WLAN
IEEE 802.11 b/g/n
WPAN
Bluetooth V2.1 + EDR, Class II
WWAN
WCDMA / HSDPA
CPU
800MHz
OS
Android 2.3
Memory
512MB NAND flash memory / 512MB DDR RAM
Interface
USB 2.0 client
1D
1D laser scan engine
2D
2D CMOS imager
NFC
NFC PN544 (13.56MHz)
www.adlinktech.com
www.adlinktech.com
IMX-2000 Industrial Mobile Handheld Device


Similar Part No. - IMX-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMX-1000 ETC2-IMX-1000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
IMX-1100 ETC2-IMX-1100 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-3020 ETC2-IMX-3020 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-3150 ETC2-IMX-3150 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
More results

Similar Description - IMX-2000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
List of Unclassifed Man...
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-9000 ETC2-IMX-9000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
logo
Prolific Technology Inc...
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
Handheld
2022-05-06
logo
Endress+Hauser Group Se...
CML18 EH-CML18 Datasheet
1Mb / 16P
Multiparameter mobile device
2021-03-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com