Electronic Components Datasheet Search
  English  ▼

X  

TMP141 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141 Datasheet(HTML) 1 Page - Texas Instruments

  TMP141 Datasheet HTML 1Page - Texas Instruments TMP141 Datasheet HTML 2Page - Texas Instruments TMP141 Datasheet HTML 3Page - Texas Instruments TMP141 Datasheet HTML 4Page - Texas Instruments TMP141 Datasheet HTML 5Page - Texas Instruments TMP141 Datasheet HTML 6Page - Texas Instruments TMP141 Datasheet HTML 7Page - Texas Instruments TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FEATURES
D SensorPath INTERFACE
D FOUR ADDRESSES
D RESOLUTION: +0.25°C (10-bit)
D WIDE TEMPERATURE RANGE:
−40
°C to +125°C
D LOW QUIESCENT CURRENT: 110µA (typ)
D TEMPERATURE ACCURACY: ±2°C (max)
D EXTENDED SUPPLY RANGE: +2.7V to +5.5V
D MICRO-SIZE PACKAGES:
SOT23-6 or MSOP-8
APPLICATIONS
D MOTHERBOARDS
D VIDEO CARDS
D BASE STATIONS
D ROUTERS
DESCRIPTION
The TMP141 is a digital output temperature sensor that
utilizes the single-wire SensorPath interface. The TMP141
is capable of measuring temperatures within 2
°C of
accuracy over a temperature range of −25
°C to +85°C and
3
°C of accuracy over −40°C to +125°C. Low supply
current, and a supply range from 2.7V to 5.5V, make the
TMP141 an excellent candidate for a wide range of
low-power applications. The TMP141 is available in
SOT23-6 and MSOP-8 packages.
The TMP141 provides a simple, low-cost way to do
temperature measurement/monitoring and is ideal as a
part of an overall hardware health monitoring system. Up
to four TMP141s can be attached to a SensorPath bus. A
master
configures
the
TMP141s
and
reads
the
temperature output from all devices. No external sensing
components are needed for the TMP141 to measure and
report temperature.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP141
Temperature
V+
GND
ADD0
ADD1
SWD
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
Digital Out Temperature Sensor with
Single-Wire SensorPath
 Bus
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
SensorPath is a trademark of National Semiconductor. All other trademarks are the property of their respective owners.


Similar Part No. - TMP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI2-TMP141 Datasheet
395Kb / 22P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
REVISED JULY 2006
TMP141AIDBVR TI-TMP141AIDBVR Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141AIDBVR TI2-TMP141AIDBVR Datasheet
395Kb / 22P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
REVISED JULY 2006
TMP141AIDBVT TI-TMP141AIDBVT Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

Similar Description - TMP141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
0.5째C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
0.5 C Digital Out Temperature Sensor
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
logo
Maxim Integrated Produc...
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com