Electronic Components Datasheet Search
  English  ▼

X  

TMP141 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141 Datasheet(HTML) 3 Page - Texas Instruments

  TMP141 Datasheet HTML 1Page - Texas Instruments TMP141 Datasheet HTML 2Page - Texas Instruments TMP141 Datasheet HTML 3Page - Texas Instruments TMP141 Datasheet HTML 4Page - Texas Instruments TMP141 Datasheet HTML 5Page - Texas Instruments TMP141 Datasheet HTML 6Page - Texas Instruments TMP141 Datasheet HTML 7Page - Texas Instruments TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +3.0V to +3.6V, unless otherwise noted.
TMP141
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
−40
+125
°C
Error
TERROR
T = −25
°C to +85°C
±0.2
±2
°C
T = −40
°C to +125°C
±3
°C
vs Supply
±0.2
±0.5
°C/V
Resolution
10
Bits
0.25
°C
Default Conversion Time
tCONV
See Table 4 for conversion time settings.
162
190
218
ms
DIGITAL INPUT/OUTPUT PINS (SWD and ADD pins)
Input/Output Capacitance
CIN/OUT
3
pF
SWD PIN
Input Leakage Current
IL
GND < VIN < VS
0.005
10
µA
IL
GND < VIN < 5.5V and VS = GND/OPEN
0.005
µA
Input Logic Level Voltage (High)
VIH
2.1
VS + 0.5
V
VS = 2.7V to 5.5V
0.6
× VS
VS + 0.5
V
Input Logic Level Voltage (Low)
VIL
−0.5
0.8
V
VS = 2.7V to 5.5V
−0.5
0.25
× VS
V
Input Hysteresis
VHYST
300
mV
Output Logic Level Voltage (Low)
VOL
IOL = 4mA
0.4
V
IOL = 50µA
0.2
V
Output OFF Current
IOH
0.005
10
µA
ADD0 and ADD1 PINS
Input Leakage Current
IL
GND < VIN < VS
0.005
10
µA
Input Logic Level Voltage (High)
VIH
0.9
× VS
VS + 0.5
V
Input Logic Level Voltage (Low)
VIL
−0.5
0.1
× VS
V
SensorPath CHARACTERISTICS
SWD Fall Time
tf
RPULL-UP = 1.25kΩ ± 30%, CL = 400pF
300
ns
SWD Rise Time
tr
RPULL-UP = 1.25kΩ ± 30%, CL = 400pF
1000
ns
Min. Inactive Time Between SWD Signals
tINACT
Bus at High Level
11
µs
Master or TMP141 Reset Drive Time
tRST
354
µs
TMP141 Detects Bus Activity
tSFEdet
9.6
µs
Master Drive Time
Data Bit 0 Write, Data Bit 0 Read
tMtr0
11.8
17
µs
Data Bit 1 Write
tMtr1
35.4
48.9
µs
Start Bit
tMtrS
80
109
µs
TMP141 Drive Time
Data Bit 0−1 Read
tSLout1
28.3
38.3
µs
Attention Request
tSLoutA
165
228
µs
Reset
tRST_MAX
After VS is Above 2.6V
95
500
ms
POWER SUPPLY
Specified Voltage Range
3.0
3.6
V
Operating Voltage Range
2.7
5.5
V
Quiescent Current
IQ
Standby
80
120
µA
While Converting(1)
110
170
µA
Power-On Reset Voltage
1.5
2.6
V
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Storage Range
−60
+150
°C
Thermal Resistance
qJA
MSOP-8
150
°C/W
SOT23-6
200
°C/W
(1) SensorPath activity only has a slight effect on quiescent current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com