Electronic Components Datasheet Search
  English  ▼

X  

TPIC2603 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2603
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPIC2603 Datasheet HTML 7Page - Texas Instruments TPIC2603 Datasheet HTML 8Page - Texas Instruments TPIC2603 Datasheet HTML 9Page - Texas Instruments TPIC2603 Datasheet HTML 10Page - Texas Instruments TPIC2603 Datasheet HTML 11Page - Texas Instruments TPIC2603 Datasheet HTML 12Page - Texas Instruments TPIC2603 Datasheet HTML 13Page - Texas Instruments TPIC2603 Datasheet HTML 14Page - Texas Instruments TPIC2603 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPIC2603
6CHANNEL SERIAL INTERFACE LOW SIDE DRIVER
SLIS056A − FEBRUARY 1995 − REVISED MARCH 1996
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
over-temperature sensing
The TPIC2603 monitors the junction temperature of the die to detect over-temperature conditions which may
damage the device. When the junction temperature goes above approximately 170
°C, the fault logic sets the
global over-temperature fault bit. An over-temperature fault is reported using the serial interface on bit 6 (for 8-bit
configuration) or bit 14 (for 16-bit configuration). The global over-temperature fault output in the serial data is
exclusively ORed with the second bit (bit 6 for 8-bit configuration or bit 14 for 16-bit configuration) of data input
to the SDI terminal. Bit 6 or bit 14 of the input data should be set low. Over-temperature faults are for
informational purposes only and do not affect the state of the drains. Figure 8 illustrates device operation under
over-temperature conditions.
160
°C
170
°C
Junction Temperature
Drains (Not Disabled)
Fault Bit
Figure 8. Over-Temperature Sense
PARAMETER MEASUREMENT INFORMATION
OUTPUT CURRENT
vs
TIME FOR INCREASING LOAD RESISTANCE
Region 1
Region 2
t1
t2
First output current pulses after turn-on in chopping mode with
resistive load.
0
3
0
t1 ≈ 55 µs
t2 ≈ 3.5 ms
t -Time
t - Time
REGION 1 CURRENT WAVEFORM
IL
t2
t1
t1
2
1
Region 3
TC = 25°C
NOTES: A. Region 1 − Analog current limit holds the maximum current while the device runs in chop mode.
B. Region 2 − Analog current limit is removed but device continues in chop mode.
C. Region 3 − Current is below chop mode sense; therefore, it is in normal operation. Variable load is resistance over time.
Figure 9. Chopping-Mode Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com