Electronic Components Datasheet Search
  English  ▼

X  

TPIC2603 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2603
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2603 Datasheet HTML 9Page - Texas Instruments TPIC2603 Datasheet HTML 10Page - Texas Instruments TPIC2603 Datasheet HTML 11Page - Texas Instruments TPIC2603 Datasheet HTML 12Page - Texas Instruments TPIC2603 Datasheet HTML 13Page - Texas Instruments TPIC2603 Datasheet HTML 14Page - Texas Instruments TPIC2603 Datasheet HTML 15Page - Texas Instruments TPIC2603 Datasheet HTML 16Page - Texas Instruments TPIC2603 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPIC2603
6CHANNEL SERIAL INTERFACE LOW SIDE DRIVER
SLIS056A − FEBRUARY 1995 − REVISED MARCH 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
1
0.4
0.2
0
1
2
345
1.4
1.6
6
1.2
0.8
VCC = 5 V
Vbat = 13 V
TC = 25°C
TC = 100°C
TC = 125°C
N − Number of Outputs Conducting Simultaneously
0.6
N − Number of Outputs Conducting Simultaneously
0.7
0.6
12
3
4
5
6
0.8
0.9
1.1
1
1.2
MAXIMUM PEAK DRAIN CURRENT
OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
d = 85%
VCC = 5 V
Vbat = 13 V
TC = 25°C
d = 90%
d = 80%
Figure 12
Figure 13
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
NOTE A: Technique should limit TJ − TC to 10°C maximum.
ID − Drain Current − A
0.75
0.25
0
01
1.25
2
0.5
1
TC = 25°C
TC = 125°C
TC = − 40°C
3
VCC = 5 V
Vbat = 13 V
See Note A
IL
VCC − Logic Supply Voltage − V
0
0.25
0.5
0.75
1
1.25
1.5
05
TC = 125°C
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
LOGIC SUPPLY VOLTAGE
TC = 25°C
TC = − 40°C
VCC = 5 V
ID = 350 mA
See Note A
10
15
20
25
30
NOTE A: Technique should limit TJ − TC to 10°C maximum.
IL(sense)
Figure 14
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com