Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G97GS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G97GS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G97GS Datasheet HTML 2Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 3Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 4Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 9Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2011
6 of 20
NXP Semiconductors
74LVC1G97
Low-power configurable multiple function gate
10. Static characteristics
[1]
Typical values are measured at maximum VCC and Tamb = 25 C.
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VOL
LOW-level
output voltage
VI =VCC or GND
IO =100 A;
VCC =1.65Vto5.5 V
-
-
0.1
-
0.1
V
IO =4mA; VCC = 1.65 V
-
-
0.45
-
0.7
V
IO =8mA; VCC = 2.3 V
-
-
0.3
-
0.45
V
IO =12mA; VCC = 2.7 V
-
-
0.4
-
0.6
V
IO =24mA; VCC = 3.0 V
-
-
0.55
-
0.8
V
IO =32mA; VCC = 4.5 V
-
-
0.55
-
0.8
V
VOH
HIGH-level
output voltage
VI =VCC or GND
IO = 100 A;
VCC =1.65Vto5.5 V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = 8mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0Vto5.5 V
-
0.1
5-
100
A
IOFF
power-off
leakage
current
VI or VO =5.5 V; VCC = 0 V
-
0.1
10
-
200
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
A
I
CC
additional
supply current
VI =VCC  0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
-5
500
-
5000
A
CI
input
capacitance
-2.5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com