Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G97GS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G97GS
Description  Low-power configurable multiple function gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G97GS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G97GS Datasheet HTML 5Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 6Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 7Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 8Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 9Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 10Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 11Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 12Page - NXP Semiconductors 74LVC1G97GS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74LVC1G97
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2011
9 of 20
NXP Semiconductors
74LVC1G97
Low-power configurable multiple function gate
13. Transfer characteristics
[1]
Typical values are measured at Tamb =25 C.
14. Waveforms transfer characteristics
Table 12.
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 14, Figure 15,
Figure 16 and Figure 17
VCC = 1.8 V
0.70
1.02
1.20
0.67
1.20
V
VCC = 2.3 V
1.11
1.42
1.60
1.08
1.60
V
VCC = 3.0 V
1.50
1.79
2.00
1.47
2.00
V
VCC = 4.5 V
2.16
2.52
2.74
2.13
2.74
V
VCC = 5.5 V
2.61
2.99
3.33
2.58
3.33
V
VT
negative-going
threshold voltage
see Figure 14, Figure 15,
Figure 16 and Figure 17
VCC = 1.8 V
0.30
0.53
0.72
0.30
0.75
V
VCC = 2.3 V
0.58
0.77
1.00
0.58
1.03
V
VCC = 3.0 V
0.80
1.04
1.30
0.80
1.33
V
VCC = 4.5 V
1.21
1.55
1.90
1.21
1.93
V
VCC = 5.5 V
1.45
1.86
2.29
1.45
2.32
V
VH
hysteresis voltage
(VT+  VT). See
Figure 14, Figure 15,
Figure 16 and Figure 17
VCC = 1.8 V
0.30
0.48
0.62
0.23
0.62
V
VCC = 2.3 V
0.40
0.64
0.80
0.34
0.80
V
VCC = 3.0 V
0.50
0.75
1.00
0.44
1.00
V
VCC = 4.5 V
0.71
0.97
1.20
0.65
1.20
V
VCC = 5.5 V
0.71
1.13
1.40
0.65
1.40
V
VT+ and VT limits are at 70 % and 20 %.
Fig 14. Transfer characteristic
Fig 15. Definition of VT+, VT and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com