Electronic Components Datasheet Search
  English  ▼

X  

APEXX04 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # APEXX04
Description  very low cost voice and melody synthesizer with 4-bits CPU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APEXX04 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  APEXX04 Datasheet HTML 1Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 2Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 3Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 4Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 5Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
APExx04 Series
Rev 1.3
2003/8/18
1
1.0 General Description
The APExx04 series are very low cost voice and melody synthesizer with 4-bits CPU. They have various
features including 4-bits ALU, ROM, RAM, I/O ports, timers, clock generator, voice and melody
synthesizer, and PWM (Direct drive) output, etc. The audio synthesizer contains one voice-channel and
two melody-channels. Furthermore, they consist of 27 instructions in these devices. With CMOS
technology and halt function can minimize power dissipation. Their architectures are similar to RISC, with
two stages of instruction pipeline. They allow all instructions to be executed in a single cycle, except for
program branches and data table read instructions (which need two instruction cycles).
2.0 Features
(1) Single power supply can operate from 2.4V to 5.5V at 4MHz or 8MHz.
(2) Program ROM: 8k x 10 bits
(3) 1 set of 15-bits DPR can access up to 32k x 10 bits melody data memory space, and 1 set of 15-bits
VPR can access up to 32k x 10 bits voice data memory space.
Product
Voice Duration (sec) Voice Pointer (VPR)
ROM Size (10-bit)
APE0504
5
14-bits
16k
APE1004
10
15-bits
32k
(4) Data Registers:
a). 96 x 4-bits data RAM (00-5Fh)
b). Unbanked special function registers (SFR) range: 00h-2Fh
(5) I/O Ports:
a). PRA: 4-bits I/O Port A (10h) can be programmed to input/output individually. (Register control)
(6) On-chip clock generator: Resistive Clock Drive (RM)
(7) Timer: 1-set Voice Interrupt (Timer0: a 9-bits auto-reload timer/counter).
(8) Stack: 2-level subroutine nesting.
(9) Built-in 4 Level Volume Control can be programmed.
(10) Built-in IR Carry Output: Port A[1] can be configured as IR pin by 38k / 56kHz. (Mask option)
(11) External Reset: Port A[3] can be configured as reset pin. (Mask opton)
(12) HALT and Release from HALT function to reduce power consumption
(13) Watch Dog Timer (WDT)
(14) Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
(15) Number of instruction: 27
(16) DAC: 1 channel voice and dual tone melody synthesizer (One 8-bits PWM output).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com