Electronic Components Datasheet Search
  English  ▼

X  

APEXX04 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # APEXX04
Description  very low cost voice and melody synthesizer with 4-bits CPU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APEXX04 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  APEXX04 Datasheet HTML 1Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 2Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 3Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 4Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 5Page - Aplus Intergrated Circuits APEXX04 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APExx04 Series
Rev 1.3
2003/8/18
3
3.0 Pin Description
Pad Name
Pin Attr.
Description
PWM2
O
PWM2 output.
PWM1
O
PWM1 output.
Vdd1~2
Power
Power supply during operation.
PRA0, PRA2
I/O
I/O port can be programmed to input/output individually.
Input type with weak pull-low or fix-input-floating capability.
Buffer Output type.
PRA1 / IR
I/O
I/O port can be programmed to input/output individually.
Input type with weak pull-low or fix-input-floating capability.
Buffer Output type.
Mask option selected as an IR Carrier Output with 38k / 56kHz
PRA3 / Reset
I/O
I/O port can be programmed to input/output individually.
Input type with weak pull-low or fix-input-floating capability.
Buffer Output type.
Mask option selected as an external RESET pin with weak pull-low
capability.
OSC
I
RM mode Oscillator input
GND1~2
Power
Ground Potential
4.0 DC Characteristics
Symbol
Parameter
Vdd
Min.
Typ.
Max.
Unit
Condition
Vdd
Operating voltage
2.4
3
5.5
V
depending on Freq.
3
1
Isb
Standby
4.5
1
uA
4MHz, RM,
in HALT Mode
3
2
Iop
Supply
current
Operating
4.5
7
mA
4MHz, RM,
IO Floating
3
4
Iih
Input current
(Internal pull low)
4.5
10
uA
Input ports with weak
pull-low
3
-4
Ioh
Output-high current
4.5
-10
3
8.5
Iol
Output-low current
4.5
17.5
mA
4MHz, RM
(IO ports)
3
0.8 ~ 4.8
Cout
DAC output current
(8-level option)
4.5
0.9 ~ 6.5
mA
4MHz, RM
(Full scale)
dF/F
Frequency stability
-5
5
%
Fosc(3v- 2.4v)
Fosc (3v)
dF/F
Fosc lot variation
-10
10
%
Vdd=3V, Rosc=430k,
4MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com