Electronic Components Datasheet Search
  English  ▼

X  

APE0504 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # APE0504
Description  very low cost voice and melody synthesizer with 4-bits CPU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APE0504 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  APE0504 Datasheet HTML 1Page - Aplus Intergrated Circuits APE0504 Datasheet HTML 2Page - Aplus Intergrated Circuits APE0504 Datasheet HTML 3Page - Aplus Intergrated Circuits APE0504 Datasheet HTML 4Page - Aplus Intergrated Circuits APE0504 Datasheet HTML 5Page - Aplus Intergrated Circuits APE0504 Datasheet HTML 6Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APExx04 Series
Rev 1.3
2003/8/18
2
FIGURE 1 :
ROM Map of
APExx04 Series
13-bit x 2 STACK
Reset Vector
00000h-01FFFh
15-bit Data Pointer
15-bit Voice Pointer
PC[12:0]
Reserved for Testing
000FFh-00400h
00401h
00000h
000FEh
Program ROM
00000h-07FFFh
Data ROM for Voice & Melody



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com