Electronic Components Datasheet Search
  English  ▼

X  

USB-7250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-7250
Description  Isolated USB Digital I/O Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-7250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-7250 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-7250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optional Accessories
USB DAQ
Specifications
8 (solid-state relay, non-latching, 4-CH form C & 4-CH form A)
60 W, 125 VA
220 VDC, 250 VAC
2A
2A
30 VDC, 2 A (Resistive)
110 VDC, 0.3 A (Resistive)
125 VAC, 0.5 A (Resistive)
75mΩ
50 VDC 0.1A (resistive), 1x106
1500 V surge
8
-
-
-
-
-
-
-
-
-
-
-
-
-
-
16
16
Open drain MOSFET
5-35VDC
250 mA @ 100% duty (per channel)
Bi-directional (non-polarity)
VIH=5 to 24V, VIL=0 to 0.1.5V or dry contact
2.4k @ 0.5W
2500VRMS (channel to system)
20.83ns (software programmable)
2
VIH=5 to 12V, VIL=0 to 0.1.5V
32-bit
1 MHz
0.1 Hz
0.5% (f ≦ 50kHz)
1% (50kHz < f ≦ 500kHz)
2% (500kHz < f ≦ 1MHz)
USB-7230
USB-7250
Channels
Max. switching power
Max. switching voltage
Max. switching current
Max. carrying current
Max. contact rating
Relay on/off time
Contact Resistance
Expected life
Breakdown voltage
Relay output
Model Name
Channels
Polarity
Logic level
Input resistance
Isolated voltage
Min. pulse-width for change of state (COS) detection
Channels
Logic level
Event counter width
Max. input frequency (DC coupled)
Min. input frequency (DC coupled)
Max. frequency error
Channels
Output type
Supply voltage
Max. sink current
Interface
Data transfer
Dimensions
I/O Connector
Power requirement
Optical Isolated Input
Optical Isolated Frequency/Event Counter
Optical Isolated Output
General Specifications
High speed USB 2.0 compatible, mini-USB connector
Programmed I/O
156.5 (L) x 114 (W) x 41.3 (H) mm (6.16” x 4.49” x 1.63”)
Two 20-pin removable screw-down terminals
USB power (5 V @ 400 mA)
Operating time
Release time
2 ms
1 ms
Updated 11-21, 2012. ©2012 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com