| Electronic Components Datasheet Search |
|
USB-7250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
USB-7250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Isolated USB Digital I/O Modules USB-7230/7250 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VDD DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 IGND CNT0 CGND DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 DO15 DO14 DO13 DO12 DO11 DO10 DO9 DO8 IGND IGND CNT1 COM DI15 DI14 DI13 DI12 DI11 DI10 DI9 DI8 USB-7230 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 NO7 COM7 NO6 COM6 NO5 COM5 NO4 COM4 NC3 NO3 COM3 NC2 NO2 COM2 NC1 NO1 COM1 NC0 NO0 COM0 GND1 CNT1 GND0 CNT0 DI7L DI7H DI6L DI6H DI5L DI5H DI4L DI4H DI3L DI3H DI2L DI2H DI1L DI1H DI0L DI0H USB-7250 Introduction The USB-7230/7250 USB-based digital I/O modules feature high voltage on/off control and monitoring, and isolation voltage supported up to 2500VRMS. The USB-7230 provides 32-CH isolated digital I/O and 2-CH frequency/event counters. The USB-7250 provides 8-CH relay output (4 form C and 4 form A), 8-CH isolated DI, and 2-CH frequency/event counters. The USB-powered USB-7230/7250 features removable screw-down terminals for easy device connectiv- ity, and the included multi-functional stand fully supports desktop, rail, or wall mounting. The USB-7230/7250 is suitable for industrial I/O control applications requiring high voltage and superior protection. High isolation voltage protects against damage from accidental contact with external voltages and eliminates troublesome ground loops. U-Test, a free ready-to-use testing program, is included to en- able operation or testing of all ADLINK USB DAQ series functions with no programming requirement. Pin Assignment Standard Shipped Accessories Ordering Information Optional Accessories • One pair of 20-pin removable screw terminals • Module stand • 2 M USB Type A to USB Mini-B cable with lockable connector • Rail-mount kit ■ RST-20P One pair of 20-pin removable screw terminals ■ USB-7230 32-CH isolated Digital I/O & 2-CH counter USB module ■ USB-7250 8-CH relay output, 8-CH isolated DI, & 2-CH counter USB module ■ USB-2M-L 2 M USB Type A to USB Mini-B cable with lockable connector Features ■ USB 2.0, USB bus powered ■ Programmable digital filter removes unexpected glitches from input channels ■ Programmable DO/Relay initial status ■ Up to 2500 VRMS isolation voltage ■ Removable screw terminal on module ■ Lockable USB cable for strong connectivity ■ Ready-to-use testing application (U-Test) provided ■ OS Information • Windows 7/Vista/XP ■ Software Compatibility • LabVIEWTM • MATLAB® • Visual Studio, Visual Studio.NET ■ Software Recommendations • U-Test • DAQMaster |
Similar Part No. - USB-7250 |
|
Similar Description - USB-7250 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |