Electronic Components Datasheet Search
  English  ▼

X  

LM10 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM10
Description  LM10 Operational Amplifier and Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10 Datasheet(HTML) 5 Page - Texas Instruments

  LM10 Datasheet HTML 1Page - Texas Instruments LM10 Datasheet HTML 2Page - Texas Instruments LM10 Datasheet HTML 3Page - Texas Instruments LM10 Datasheet HTML 4Page - Texas Instruments LM10 Datasheet HTML 5Page - Texas Instruments LM10 Datasheet HTML 6Page - Texas Instruments LM10 Datasheet HTML 7Page - Texas Instruments LM10 Datasheet HTML 8Page - Texas Instruments LM10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LM10
www.ti.com
SNOSBH4D – MAY 1998 – REVISED MARCH 2013
Electrical Characteristics (continued)
TJ=25°C, TMIN≤TJ≤TMAX (Boldface type refers to limits over temperature range)
(1)
Parameter
Conditions
LM10BL
LM10CL
Units
Min
Typ
Max
Min
Typ
Max
Offset voltage drift
2.0
5.0
μV/°C
Offset current drift
2.0
5.0
pA/°C
Bias current drift
60
90
pA/°C
Line regulation
1.2V (1.3V)
≤VS≤6.5V
0.001
0.01
0.001
0.02
%/V
0
≤IREF≤0.5 mA, VREF=200 mV
0.02
0.03
%/V
Load regulation
0
≤IREF≤0.5 mA
0.01
0.1
0.01
0.15
%
V+
−VREF≥1.0V (1.1V)
0.15
0.2
%
Amplifier gain
0.2V
≤VREF≤5.5V
30
70
20
70
V/mV
20
15
V/mV
Feedback sense voltage
195
200
205
190
200
210
mV
194
206
189
211
mV
Feedback current
20
50
22
75
nA
65
90
nA
Reference drift
0.002
0.003
%/°C
Supply current
260
400
280
500
μA
500
570
μA
Definition of Terms
Input offset voltage: That voltage which must be applied between the input terminals to bias the unloaded
output in the linear region.
Input offset current: The difference in the currents at the input terminals when the unloaded output is in the
linear region.
Input bias current: The absolute value of the average of the two input currents.
Input resistance: The ratio of the change in input voltage to the change in input current on either input with the
other grounded.
Large signal voltage gain: The ratio of the specified output voltage swing to the change in differential input
voltage required to produce it.
Shunt gain: The ratio of the specified output voltage swing to the change in differential input voltage required to
produce it with the output tied to the V+ terminal of the IC. The load and power source are connected
between the V+ and V− terminals, and input common-mode is referred to the V− terminal.
Common-mode rejection: The ratio of the input voltage range to the change in offset voltage between the
extremes.
Supply-voltage rejection: The ratio of the specified supply-voltage change to the change in offset voltage
between the extremes.
Line regulation: The average change in reference output voltage over the specified supply voltage range.
Load regulation: The change in reference output voltage from no load to that load specified.
Feedback sense voltage: The voltage, referred to V−, on the reference feedback terminal while operating in
regulation.
Reference amplifier gain: The ratio of the specified reference output change to the change in feedback sense
voltage required to produce it.
Feedback current: The absolute value of the current at the feedback terminal when operating in regulation.
Supply current: The current required from the power source to operate the amplifier and reference with their
outputs unloaded and operating in the linear range.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com