Electronic Components Datasheet Search
  English  ▼

X  

APR9301-V2 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APR9301-V2
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301-V2 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APR9301-V2 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301-V2 Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Table 2
Absolute Maximum Ratings.
Table 3
DC Characteristics Note 1
Table 4
Analog Characteristics Note 1
Item
Symbol
Condition
Min
Max
Unit
Power Supply Voltage
VCC
TA = 25
oC
4.5
6.5
V
Input Voltage
VIN1
TA = 25
oC
-0.3
VCC +0.3
V
Input Voltage
VIN2
|IIN| < 20 mA
-1.0
VCC +1.0
V
Storage Temperature
TSTG
-
-65
150
oC
Temperature Under Bias
TBS
-
-65
125
oC
Lead Temperature
TLD
<10s
-
300
oC
Item
Symbol
Condition
Min
Typ
Max
Unit
Input High VoltageV
IH
-0.8
x-
V CC
V
Input Low VoltageV
IL
--
-
0.8
V
Output High VoltageVOH
IOH = -1.6mA
2.4
-
-
V
Output Low VoltageV OL
IOL = 4.0mA
-
-
0.45
V
Input Leakage Current
IIH
VIH = VCC
--
1.0
uA
Input Leakage Current
IIL
VIL = VSS
Note 2
-1.0
-
-
uA
Output Tristate Leakage Current
IOZ
VOUT = VCC
or
VOUT = VSS
-1.0
-
1.0
uA
Operating Current Consumption
ICC
Internal Clock, No Load
-
25
-
mA
Standby Current Consumption
ICCS
No Load
-
1.0
-
uA
Item
Symbol
Condition
Min
Typ
Max
Unit
MicIn Input VoltageV MI
--
-
20
mVP-P
MicIn Input Resistance
RMI
--
10
-
k
W
MicIn Amp Gain (1)
GMI1
AGC < 2.2V
-
24
-
dB
MicIn Amp Gain (2)
GMI2
AGC > 3.0V
-
-45
-15
dB
AnaIn Input VoltageVANI
--
-
50
mVP-P
AnaIn Input Resistance
RANI
--
10
-
k
W
AnaIn Amp Gain
GANI
AnaIn to SP+/-
-
22
-
dB
AGC Output Resistance
RAGC
--
1
-
k
W
SP+/- Output Power
PSP
RSP+/- = 16W
-
12.2
-
mW
Voltage Amplitude Across SP+/-
VSP
RSP+/- > 16W
-1.25
-
VP-P
Total Harmonic Distrotion
THD
@ 1kHz & 20mVp-p input
1
%
Note 1: Typical Values: VCCD = VCCA = 6V; VSSD = VSSA = 0V; T A = 25
oC
Note 2: Except pins 23 and 27 which have internal pull-up resistors.
APLUS
APR9301-V2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com