Electronic Components Datasheet Search
  English  ▼

X  

LM2597 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM2597
Description  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2597 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM2597 Datasheet HTML 15Page - Texas Instruments LM2597 Datasheet HTML 16Page - Texas Instruments LM2597 Datasheet HTML 17Page - Texas Instruments LM2597 Datasheet HTML 18Page - Texas Instruments LM2597 Datasheet HTML 19Page - Texas Instruments LM2597 Datasheet HTML 20Page - Texas Instruments LM2597 Datasheet HTML 21Page - Texas Instruments LM2597 Datasheet HTML 22Page - Texas Instruments LM2597 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
Table 5. Capacitor Manufacturers' Phone Numbers
Nichicon Corp.
Phone
(708) 843-7500
FAX
(708) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX Corp.
Phone
(803) 448-9411
FAX
(803) 448-1943
Sprague/Vishay
Phone
(207) 324-7223
FAX
(207) 324-4140
Table 6. Diode Selection Table
1A Diodes
Surface Mount
Through Hole
VR
Ultra Fast
Ultra Fast
Schottky
Schottky
Recovery
Recovery
All of these diodes are rated to
1N5817
All of these diodes are rated to
20V
at least 60V.
at least 60V.
SR102
MBRS130
1N5818
30V
SR103
11DQ03
MBRS140
MURS120
1N5819
HER101
10BF10
MUR120
10BQ040
SR104
40V
11DF1
10MQ040
11DQ04
MBRS160
SR105
10BQ050
MBR150
10MQ060
11DQ05
50V
or
MBRS1100
MBR160
more
10MQ090
SB160
SGL41-60
11DQ10
SS16
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM2597 LM2597HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com