Electronic Components Datasheet Search
  English  ▼

X  

LM2597 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2597
Description  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2597 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2597 Datasheet HTML 17Page - Texas Instruments LM2597 Datasheet HTML 18Page - Texas Instruments LM2597 Datasheet HTML 19Page - Texas Instruments LM2597 Datasheet HTML 20Page - Texas Instruments LM2597 Datasheet HTML 21Page - Texas Instruments LM2597 Datasheet HTML 22Page - Texas Instruments LM2597 Datasheet HTML 23Page - Texas Instruments LM2597 Datasheet HTML 24Page - Texas Instruments LM2597 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 500 mA.
CIN
— 68
μF, 35V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 120 μF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 1A, 30V Schottky Rectifier, 1N5818
L1
— 150
μH, L19
R1
— 1 k
Ω, 1%
R2
— 7.15k, 1%
CFF — 3.3 nF, See Application Information
Typical Values
CSS — 0.1 μF
CDELAY — 0.1 μF
RPULL UP — 4.7k
*For output voltages between 4V and 20V
Figure 31. Adjustable Output Voltage Versions
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance can generate voltage transients which can cause problems. For minimal inductance and ground
loops, the wires indicated by heavy lines should be wide printed circuit traces and should be kept as short
as possible. For best results, external components should be located as close to the switcher lC as possible
using ground plane construction or single point grounding.
If open core inductors are used, special care must be taken as to the location and positioning of this type of
inductor. Allowing the inductor flux to intersect sensitive feedback, lC groundpath and COUT wiring can cause
problems.
When using the adjustable version, special care must be taken as to the location of the feedback resistors and
the associated wiring. Physically locate both resistors near the IC, and route the wiring away from the inductor,
especially an open core type of inductor. (See Application Information for more information.)
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2597 LM2597HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com