Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2671 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 10Page - Texas Instruments LM2671 Datasheet HTML 11Page - Texas Instruments LM2671 Datasheet HTML 12Page - Texas Instruments LM2671 Datasheet HTML 13Page - Texas Instruments LM2671 Datasheet HTML 14Page - Texas Instruments LM2671 Datasheet HTML 15Page - Texas Instruments LM2671 Datasheet HTML 16Page - Texas Instruments LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LM2671
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
where:
ISS = Soft-Start Current :4.5 μA typical.
tSS = Soft-Start Time :Selected.
VSSTH = Soft-Start Threshold Voltage :0.63V typical.
VOUT = Output Voltage :Selected.
VSCHOTTKY = Schottky Diode Voltage Drop :0.4V typical.
VIN = Input Voltage :Selected.
If this feature is not desired, leave this pin open. With certain
softstart capacitor values and operating conditions, the LM2671 can
exhibit an overshoot on the output voltage during turn on. Especially
when starting up into no load or low load, the softstart function may
not be effective in preventing a larger voltage overshoot on the
output. With larger loads or lower input voltages during startup this
effect is minimized. In particular, avoid using softstart capacitors
between 0.033µF and 1µF.
7. Frequency Synchronization (optional)
7. Frequency Synchronization (optional)
The LM2671 (oscillator) can be synchronized to run with an external
For all applications, use a 1 k
Ω resistor and a 100 pF capacitor for
oscillator, using the sync pin (pin 3). By doing so, the LM2671 can
the RC filter.
be operated at higher frequencies than the standard frequency of
260 kHz. This allows for a reduction in the size of the inductor and
output capacitor.
As shown in the drawing below, a signal applied to a RC filter at the
sync pin causes the device to synchronize to the frequency of that
signal. For a signal with a peak-to-peak amplitude of 3V or greater, a
1 k
Ω resistor and a 100 pF capacitor are suitable values.
INDUCTOR VALUE SELECTION GUIDES
(For Continuous Mode Operation)
Figure 24. LM2671-3.3
Figure 25. LM2671-5.0
14
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com