| Electronic Components Datasheet Search |
|
LM2671 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM2671 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 31 page ![]() LM2671 www.ti.com SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013 Table 10. Output Capacitor Selection Table (continued) Output Capacitor Surface Mount Through Hole Cap. Sprague AVX TPS Sanyo OS-CON Sanyo MV-GX Nichicon Panasonic Ref. Desg. 594D Series Series SA Series Series PL Series HFQ Series # ( μF/V) ( μF/V) ( μF/V) ( μF/V) ( μF/V) ( μF/V) C3 120/6.3 100/10 100/35 120/35 120/35 120/35 C4 68/10 100/10 68/10 220/35 220/35 220/35 C5 100/16 100/10 100/10 150/35 150/35 150/35 C6 100/16 100/10 100/10 120/35 120/35 120/35 C7 68/10 100/10 68/10 150/35 150/35 150/35 C8 100/16 100/10 100/10 330/35 330/35 330/35 C9 100/16 100/16 100/16 330/35 330/35 330/35 C10 100/16 100/16 68/16 220/35 220/35 220/35 C11 100/16 100/16 68/16 150/35 150/35 150/35 C12 100/16 100/16 68/16 120/35 120/35 120/35 C13 100/16 100/16 100/16 120/35 120/35 120/35 C14 100/16 100/16 100/16 220/35 220/35 220/35 C15 47/20 68/20 47/20 220/35 220/35 220/35 C16 47/20 68/20 47/20 150/35 150/35 150/35 C17 47/20 68/20 47/20 120/35 120/35 120/35 C18 68/25 (2×) 33/25 47/25 (1) 220/35 220/35 220/35 C19 33/25 33/25 33/25 (1) 150/35 150/35 150/35 C20 33/25 33/25 33/25 (1) 120/35 120/35 120/35 C21 33/35 (2×) 22/25 (2) 150/35 150/35 150/35 C22 33/35 22/35 (2) 120/35 120/35 120/35 C23 (2) (2) (2) 220/50 100/50 120/50 C24 (2) (2) (2) 150/50 100/50 120/50 C25 (2) (2) (2) 150/50 82/50 82/50 (1) The SC series of Os-Con capacitors (others are SA series) (2) The voltage ratings of the surface mount tantalum chip and Os-Con capacitors are too low to work at these voltages. Application Information TYPICAL SURFACE MOUNT PC BOARD LAYOUT, FIXED OUTPUT (4X SIZE) CIN - 15 μF, 25V, Solid Tantalum Sprague, “594D series” COUT - 68 μF, 10V, Solid Tantalum Sprague, “594D series” D1 - 1A, 40V Schottky Rectifier, Surface Mount L1 - 47 μH, L13, Coilcraft DO3308 CB - 0.01 μF, 50V, Ceramic Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LM2671 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |