Electronic Components Datasheet Search
  English  ▼

X  

LM2745 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2745
Description  LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2745 Datasheet(HTML) 2 Page - Texas Instruments

  LM2745 Datasheet HTML 1Page - Texas Instruments LM2745 Datasheet HTML 2Page - Texas Instruments LM2745 Datasheet HTML 3Page - Texas Instruments LM2745 Datasheet HTML 4Page - Texas Instruments LM2745 Datasheet HTML 5Page - Texas Instruments LM2745 Datasheet HTML 6Page - Texas Instruments LM2745 Datasheet HTML 7Page - Texas Instruments LM2745 Datasheet HTML 8Page - Texas Instruments LM2745 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM2745
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ/SYNC
SS/TRACK
SGND
EAO
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LM2748
HG
BOOT
ISEN
LG
PGND
FB
VCC
SD
PWGD
FREQ
SS/TRACK
SGND
EAO
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LM2745, LM2748
SNOSAL2E – APRIL 2005 – REVISED APRIL 2013
www.ti.com
Figure 1. 14-Lead Plastic TSSOP,
θJA = 155°C/W
Figure 2. 14-Lead Plastic TSSOP,
θJA = 155°C/W
Top View
Top View
Package Number PW0014A
Package Number PW0014A
Pin Descriptions
BOOT (Pin 1) - Bootstrap pin. This is the supply rail for the high-side gate driver. When the high-side MOSFET turns on, the voltage on this
pin should be at least one gate threshold above the regulator input voltage VIN to properly turn on the MOSFET. See MOSFET Gate Drivers
in the Application Information section for more details on how to select MOSFETs.
LG (Pin 2) - Low-gate drive pin. This is the gate drive for the low-side N-channel MOSFET. This signal is interlocked with the high-side gate
drive HG (Pin 14), so as to avoid shoot-through.
PGND (Pins 3, 13) - Power ground. This is also the ground for the low-side MOSFET driver. Both the pins must be connected together on
the PCB and form a ground plane, which is usually also the system ground.
SGND (Pin 4) - Signal ground. It should be connected appropriately to the ground plane with due regard to good layout practices in
switching power regulator circuits.
VCC (Pin 5) Supply rail for the control sections of the IC.
PWGD (Pin 6) - Power Good pin. This is an open drain output, which is typically meant to be connected to VCC or any other low voltage
source through a pull-up resistor. Choose the pull-up resistor so that the current going into this pin is kept below 1 mA. A recommended
value for the pull-up resistor is 100 k
Ω for most applications. The voltage on this pin is thus pulled low under output undervoltage or
overvoltage fault conditions and also under input UVLO.
ISEN (Pin 7) - Current limit threshold setting pin. This sources a fixed 40 µA current. A resistor of appropriate value should be connected
between this pin and the drain of the low-side MOSFET (switch node). The minimum value for this resistor is 1 k
Ω.
EAO (Pin 8) - Output of the error amplifier. The voltage level on this pin is compared with an internally generated ramp signal to determine
the duty cycle. This pin is necessary for compensating the control loop.
SS/TRACK (Pin 9) - Soft-start and tracking pin. This pin is internally connected to the non-inverting input of the error amplifier during soft-
start, and in fact any time the SS/TRACK pin voltage happens to be below the internal reference voltage. For the basic soft-start function, a
capacitor of minimum value 1 nF is connected from this pin to ground. To track the rising ramp of another power supply’s output, connect a
resistor divider from the output of that supply to this pin as described in Application Information.
FB (Pin 10) - Feedback pin. This is the inverting input of the error amplifier, which is used for sensing the output voltage and compensating
the control loop.
FREQ/SYNC (Pin 11) - Frequency adjust pin. The switching frequency is set by connecting a resistor of suitable value between this pin and
ground. Some typical values (rounded up to the nearest standard values) are 150 k
Ω for 200 kHz, 100 kΩ for 300 kHz, 51.1 kΩ for 500
kHz, 18.7 k
Ω for 1 MHz. This pin is also used in the LM2745 to synchronize to an external clock.
SD (Pin 12) - IC shutdown pin. Pull this pin to VCC to ensure the IC is enabled. Connect to ground to disable the IC. Under shutdown, both
high-side and low-side drives are off. This pin also features a precision threshold for power supply sequencing purposes, as well as a low
threshold to ensure minimal quiescent current.
HG (Pin 14) - High-gate drive pin. This is the gate drive for the high-side N-channel MOSFET. This signal is interlocked with LG (Pin 2) to
avoid shoot-through.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2745 LM2748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com