Electronic Components Datasheet Search
  English  ▼

X  

LM3401 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments LM3401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
VCS
10V/Div
VSNS
100 mV/Div
ILED
100 mA/Div
400 ns/DIV
VIN
SNS
HG
DIM
ILIM
GND
+
-
CS
on
20 PA
ILIM
VDD
regulator
+
-
+
-
-0.13V
UVLO
HYS
5.5 PA
X 0.2
VREF
200 mV
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
BLOCK DIAGRAM
Figure 14. Block Diagram
Operational Description
HYSTERETIC CONTROL
The LM3401 is a step-down DC-DC controller designed to provide a constant current source for driving a high
power LED string.
The LM3401 uses comparator-based voltage mode hysteretic control for a simple and stable design. Hysteretic
control does not utilize an internal oscillator, but relies on output conditions to directly control switching. The
LM3401 controls LED current within the adjustable hysteresis window by monitoring peak and valley voltage at
the SNS pin. A dual sided hysteresis window is used to optimize accuracy.
Regulated LED current flows to ground through a sense resistor at the SNS pin. The voltage generated at the
SNS pin is compared to the 200 mV internal reference. When the SNS voltage falls below the reference voltage
minus hysteresis, the output of the hysteretic comparator goes low. This results in the driver output, HG, pulling
the gate of the PFET low and turning on the PFET.
With the PFET on, LED current ramps up through the PFET and the inductor. As the LED current increases, the
SNS voltage reaches its upper threshold (reference voltage plus hysteresis). This forces the output of the
comparator and HG to go high, which turns the PFET off. When the PFET turns off, current flows through the
catch diode, and LED and inductor current ramp down. When the SNS voltage falls to its lower threshold, the
cycle repeats. The resulting LED current, SNS, and switch node waveforms are shown in Figure 15.
Figure 15. Hysteretic Switching Waveforms
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com