Electronic Components Datasheet Search
  English  ▼

X  

LM3401 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3401
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments LM3401 Datasheet HTML 11Page - Texas Instruments LM3401 Datasheet HTML 12Page - Texas Instruments LM3401 Datasheet HTML 13Page - Texas Instruments LM3401 Datasheet HTML 14Page - Texas Instruments LM3401 Datasheet HTML 15Page - Texas Instruments LM3401 Datasheet HTML 16Page - Texas Instruments LM3401 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VCS
20V/Div
ILED
200 mA/Div
DIM
2V/Div
2 Ps/ DIV
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
When current limit is activated, the HG driver remains off until the CS voltage rises to -130 mV (typical). This
ensures that inductor current is close to 0A when the current limit latch is released. The actual minimum inductor
current will depend on the catch diode forward voltage characteristic, which determines the CS pin negative
voltage.
Although the LM3401 monitors voltage at the CS pin to reset the current limit, there is also a minimum off time of
typically 3 µs. When current limit is triggered, HG will be turned off for at least this amount of time, regardless of
the inductor current.
The current limit comparator imposes typically 150 ns of blanking time at the beginning of each switching cycle.
This ensures that the PFET is fully on and any switch node ringing has dissipated when the current is sensed.
However a slower PFET may not fully turn on within the blanking time. In this case, the current limit threshold
must be increased or a faster PFET must be used.
Because the current limit comparator has a limited differential voltage capability, a maximum of 1M
Ω is
recommended for R3.
PWM DIMMING
The DIM pin is a CMOS compatible input for a PWM (Pulse Width Modulation) dimming signal. PWM dimming
adjusts LED brightness by varying the duty cycle, which varies the average LED current. This type of dimming is
recommended, because LED peak current remains constant regardless of brightness, which results in more
predictable LED color and performance as compared to analog dimming. Figure 20 shows a typical PWM
dimming waveform.
When DIM is high (above 2V typically) the LM3401 operates normally and the LED string will be driven at the set
current. When pulled low, DIM will disable HG and switching will stop. The PFET will remain off as long as DIM is
low. When the LM3401 is powered up or enabled with the DIM pin, the LED current will very rapidly increase to
its set point.
There is minimal delay time between a DIM logic change and HG switching. Also, because the LM3401 requires
no output capacitor, minimal time is required to ramp-up the LED current. This allows for low duty cycle, high
frequency PWM dimming signals to be used.
A dimming frequency greater than 100 Hz is recommended to avoid visible flicker. The LM3401 is capable of
PWM dimming frequencies up to 10 kHz with a duty cycle between 1 and 100%. Any DIM signal pulse width
longer than 100 ns can be used. In most cases, the maximum dimming frequency is limited by the inductor size
and input voltage to anode voltage ratio. Less inductance and higher VIN/VANODE ratios will allow the inductor and
LED current to increase faster, thus allowing for a faster PWM frequency, or lower dimming duty cycle.
Figure 20. Typical PWM DIM Signal and LED Current L = 22 µH
DIM is a high impedance pin, which is somewhat sensitive to noise. If there is excessive switching noise at the
DIM pin, a small bypass filter capacitor can be used. See the Ripple Reduction Capacitor section. VIN can also
be used for PWM dimming when a logic signal is not available. In this mode of operation DIM should be
connected to VIN through a 10 kΩ resistor. There is typically 10 us of startup delay time when using VIN for
dimming. Depending on the application, this delay limits the maximum dimming frequency to typically several
hundred Hz.
Higher dimming frequency and lower dimming duty cycle can be achieved by using a FET switch in parallel with
the LED string. This is shown in Figure 21 below.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com