Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485 Datasheet(HTML) 1 Page - Texas Instruments

  LM3485 Datasheet HTML 1Page - Texas Instruments LM3485 Datasheet HTML 2Page - Texas Instruments LM3485 Datasheet HTML 3Page - Texas Instruments LM3485 Datasheet HTML 4Page - Texas Instruments LM3485 Datasheet HTML 5Page - Texas Instruments LM3485 Datasheet HTML 6Page - Texas Instruments LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Hysteretic PFET Buck Controller
Check for Samples: LM3485
1
FEATURES
DESCRIPTION
The LM3485 is a high efficiency PFET switching
2
•
Easy to Use Control Methodology
regulator controller that can be used to quickly and
•
No Control Loop Compensation Required
easily develop a small, low cost, switching buck
•
4.5V to 35V Wide Input Range
regulator for a wide range of applications. The
hysteretic control architecture provides for simple
•
1.242V to VIN Adjustable Output Range
design without any control loop stability concerns
•
High Efficiency 93%
using a wide variety of external components. The
•
±1.3% (±2% Over Temp) Internal Reference
PFET architecture also allows for low component
count as well as ultra-low dropout, 100% duty cycle
•
100% Duty Cycle
operation. Another benefit is high efficiency operation
•
Maximum Operating Frequency > 1MHz
at light loads without an increase in output ripple.
•
Current Limit Protection
Current limit protection is provided by measuring the
•
VSSOP-8
voltage across the PFET’s RDS(ON), thus eliminating
the need for a sense resistor. The cycle-by-cycle
APPLICATIONS
current limit can be adjusted with a single resistor,
ensuring safe operation over a range of output
•
Set-Top Box
currents.
•
DSL or Cable Modem
•
PC/IA
•
Auto PC
•
TFT Monitor
•
Battery Powered Portable Applications
•
Distributed Power Systems
•
Always On Power
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485 Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3485 TI2-LM3485 Datasheet
746Kb / 29P
LM3485 Hysteretic PFET Buck Controller
REVISED DECEMBER 2015
More results

Similar Description - LM3485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
Hysteretic PFET Buck Controller
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
LM3485 Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
LM3475 Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com