Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3485
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485 Datasheet(HTML) 2 Page - Texas Instruments

  LM3485 Datasheet HTML 1Page - Texas Instruments LM3485 Datasheet HTML 2Page - Texas Instruments LM3485 Datasheet HTML 3Page - Texas Instruments LM3485 Datasheet HTML 4Page - Texas Instruments LM3485 Datasheet HTML 5Page - Texas Instruments LM3485 Datasheet HTML 6Page - Texas Instruments LM3485 Datasheet HTML 7Page - Texas Instruments LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagram
Figure 1. Top View
8-Lead Plastic VSSOP-8
Package Number DGK (S-PDSO-G8)
PIN DESCRIPTIONS
Pin Name
Pin
Description
No.
ISENSE
1
The current sense input pin. This pin should be connected to Drain node of the external PFET.
GND
2
Signal ground.
NC
3
No connection.
FB
4
The feedback input. Connect the FB to a resistor voltage divider between the output and GND for an adjustable
output voltage.
ADJ
5
Current limit threshold adjustment. It connects to an internal 5.5µA current source. A resistor is connected
between this pin and the input Power Supply. The voltage across this resistor is compared with the VDS of the
external PFET to determine if an over-current condition has occurred.
PWR GND
6
Power ground.
PGATE
7
Gate Drive output for the external PFET. PGATE swings between VIN and VIN-5V.
VIN
8
Power supply input pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN Voltage
−0.3V to 36V
PGATE Voltage
−0.3V to 36V
FB Voltage
−0.3V to 5V
ISENSE Voltage
−1.0V to 36V
ADJ Voltage
−0.3V to 36V
Maximum Junction Temperature
150°C
Power Dissipation
417mW at TA = 25°C
ESD Susceptibility
Human Body Model(2)
2kV
Lead Temperature
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Storage Temperature
−65°C to 150°C
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For specifications and test conditions, see
the Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
Supply Voltage
4.5V to 35V
Operating Junction Temperature
−40°C to +125°C
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For specifications and test conditions, see
the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com