Electronic Components Datasheet Search
  English  ▼

X  

LM3485MM Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485MM Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3485MM Datasheet HTML 2Page - Texas Instruments LM3485MM Datasheet HTML 3Page - Texas Instruments LM3485MM Datasheet HTML 4Page - Texas Instruments LM3485MM Datasheet HTML 5Page - Texas Instruments LM3485MM Datasheet HTML 6Page - Texas Instruments LM3485MM Datasheet HTML 7Page - Texas Instruments LM3485MM Datasheet HTML 8Page - Texas Instruments LM3485MM Datasheet HTML 9Page - Texas Instruments LM3485MM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
200
400
600
800
4
12
20
28
36
INPUT VOLTAGE (V)
L=10PH
L=15PH
L=22PH
Inductor Current
SW node
Voltage
Output Ripple Voltage
TIME (5Ps/div)
0A
0.5A
0V
5V
10V
0mV
20mV
-20mV
0A
0.5A
0V
5V
10V
0mV
20mV
-20mV
1A
Inductor Current
SW node Voltage
Output Ripple Voltage
TIME (2Ps/div)
(1A/div)
(2V/div)
lind@CADJ = 10nF
lind@CADJ = 1nF
VOUT@CADJ = 10nF
VOUT@CADJ = 1nF
(2V/div)
VIN (10V/div)
TIME (100Ps/div)
40
50
60
70
80
90
100
10
100
1000
10000
LOAD CURRENT (mA)
VIN = 12V
VIN = 24V
40
50
60
70
80
90
100
LOAD CURRENT (mA)
10
100
1000
10000
VIN = 12V
VIN = 4.5V
VIN = 24V
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TJ = 25°C
Efficiency vs
Efficiency vs
Load Current
Load Current
(VOUT = 3.3V, L = 22µH)
(VOUT = 5.0V, L = 22µH)
Continuous Mode Operation
Start Up
(VIN = 12V, VOUT = 3.3 V, IOUT = 500mA, L = 22µH)
Operating Frequency
vs
Discontinuous Mode Operation
Input Voltage
(VIN = 12V, VOUT =3.3 V, IOUT = 50mA, L = 22µH)
(VOUT = 3.3V, IOUT = 1A, COUT(ESR) = 80mΩ, Cff = 100pF)
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com