Electronic Components Datasheet Search
  English  ▼

X  

LM3485MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3485MM Datasheet HTML 12Page - Texas Instruments LM3485MM Datasheet HTML 13Page - Texas Instruments LM3485MM Datasheet HTML 14Page - Texas Instruments LM3485MM Datasheet HTML 15Page - Texas Instruments LM3485MM Datasheet HTML 16Page - Texas Instruments LM3485MM Datasheet HTML 17Page - Texas Instruments LM3485MM Datasheet HTML 18Page - Texas Instruments LM3485MM Datasheet HTML 19Page - Texas Instruments LM3485MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Figure 8. Top Layer,
Figure 9. Bottom Layer,
Typical PCB Layout (3.3V Output)
Typical PCB Layout (3.3V Output)
Figure 10. Silk Screen,
Typical PCB Layout (3.3V Output)
C1: CIN 22µF/35V EEJL1VD226R (Panasonic)
C2: COUT 100µF/6.3V 6TPC100M (Sanyo)
C3: CADJ 1nF Ceramic Chip Capacitor
C4: CFF 100pF Ceramic Chip Capacitor
D1: 1A/40V MBRS140T3 (On Semiconductor)
L1: 22µH :QH66SN220M01L (Murata)
Q1: FDC5614P (Fairchild)
R1: 33k
Ω Chip Resistor
R2: 20k
Ω Chip Resistor
R3: RADJ 24kΩ Chip Resistor
16
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com