Electronic Components Datasheet Search
  English  ▼

X  

LM3490 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3490
Description  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3490 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3490 Datasheet HTML 3Page - Texas Instruments LM3490 Datasheet HTML 4Page - Texas Instruments LM3490 Datasheet HTML 5Page - Texas Instruments LM3490 Datasheet HTML 6Page - Texas Instruments LM3490 Datasheet HTML 7Page - Texas Instruments LM3490 Datasheet HTML 8Page - Texas Instruments LM3490 Datasheet HTML 9Page - Texas Instruments LM3490 Datasheet HTML 10Page - Texas Instruments LM3490 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM3490
www.ti.com
SNVS012E – JUNE 1999 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless indicated otherwise, VIN = VNOM + 1.5V, CIN = 0.1 µF, COUT = 0.1 µF, and TA .=25°C.
Load Transient Response
Load Transient Response
Figure 14.
Figure 15.
Output Voltage
Output Voltage
vs Input Voltage
vs Input Voltage
Figure 16.
Figure 17.
Output Voltage
Output Voltage
vs Input Voltage
vs Input Voltage
Figure 18.
Figure 19.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com