Electronic Components Datasheet Search
  English  ▼

X  

LM3490 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3490
Description  LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3490 Datasheet(HTML) 3 Page - Texas Instruments

  LM3490 Datasheet HTML 1Page - Texas Instruments LM3490 Datasheet HTML 2Page - Texas Instruments LM3490 Datasheet HTML 3Page - Texas Instruments LM3490 Datasheet HTML 4Page - Texas Instruments LM3490 Datasheet HTML 5Page - Texas Instruments LM3490 Datasheet HTML 6Page - Texas Instruments LM3490 Datasheet HTML 7Page - Texas Instruments LM3490 Datasheet HTML 8Page - Texas Instruments LM3490 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM3490
www.ti.com
SNVS012E – JUNE 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS LM3490-3.3, LM3490-5.0
VIN = VNOM + 1.5V unless otherwise noted. Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits
appearing in boldface type apply over the entire junction temperature range for operation,
−40 to +125°C
(1) (2) (3)
Nominal Output Voltage (VNOM)
3.3V
5.0V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
VOUT
Output Voltage
1 mA
≤ IOUT ≤ 100 mA
3.30
5.00
V
3.17
4.80
V(min)
3.14
4.75
V(min)
3.43
5.20
V(max)
3.46
5.25
V(max)
ΔVOUT
Line Regulation
VNOM + 1.5V ≤ VIN ≤ 30V,
7
9
mV
IOUT = 1 mA
25
25
mV(max)
ΔVOUT
Load Regulation
10 mA
≤ IOUT ≤ 100 mA
15
15
mV
40
40
mV(max)
IGND
Ground Pin Current
VNOM + 1.5V ≤ VIN ≤ 30V,
No Load
VON/OFF = 5V
2
2
mA
4
4
mA(max)
VON/OFF = 0V
0.1
0.1
µA
5
5
µA(max)
VIN -
Dropout Voltage
IOUT = 10 mA
0.7
0.7
V
VOUT
0.9
0.9
V(max)
1.0
1.0
V(max)
IOUT = 100 mA
0.9
0.9
V
1.1
1.1
V(max)
1.2
1.2
V(max)
en
Output Noise Voltage
VIN = 10V,
100
150
µVrms
Bandwidth: 10 Hz to 100 kHz
VIL
Maximum Low Level
0.2
0.2
V(max)
Input Voltage at
ON/OFF
VIH
Minimum High Level
2.0
2.0
V(min)
Input Voltage at
ON/OFF
IIL
VON/OFF = 0V
−1
−1
µA(max)
IIH
VON/OFF = 5V
1
1
µA
20
20
µA(max)
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured.
(2)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
All voltages except dropout are with respect to the voltage at the GND pin.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com