Electronic Components Datasheet Search
  English  ▼

X  

LM20134 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM20134
Description  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20134 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM20134 Datasheet HTML 19Page - Texas Instruments LM20134 Datasheet HTML 20Page - Texas Instruments LM20134 Datasheet HTML 21Page - Texas Instruments LM20134 Datasheet HTML 22Page - Texas Instruments LM20134 Datasheet HTML 23Page - Texas Instruments LM20134 Datasheet HTML 24Page - Texas Instruments LM20134 Datasheet HTML 25Page - Texas Instruments LM20134 Datasheet HTML 26Page - Texas Instruments LM20134 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20134
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
(optional)
SYNC
PVIN
SW
PGND
L
VOUT
LM20134
CIN
COUT
LOOP1
LOOP2
LM20134, LM20134Q
www.ti.com
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
5. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and can improve efficiency. If voltage accuracy at the load is important make sure
feedback voltage sense is made at the load. Doing so will correct for voltage drops at the load and provide
the best output accuracy.
6. Provide adequate device heatsinking. Use as many vias as is possible to connect the DAP to the power
plane heatsink. For best results use a 4x4 via array with a minimum via diameter of 12 mils. See the Thermal
Considerations section to insure enough copper heatsinking area is used to keep the junction temperature
below 125°C.
Figure 36. Schematic of LM20134 Highlighting Layout Sensitive Nodes
Typical Application Circuits
This section provides several application solutions with a bill of materials. All bill of materials reference the below
figure. The compensation for these solutions were optimized to work over a wide range of input and output
voltages; if a faster transient response is needed reduce the value of CC1 and calculate the new value for RC1 as
outline in the design guide.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM20134 LM20134Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com