Electronic Components Datasheet Search
  English  ▼

X  

LM25007MM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25007MM
Description  LM25007 42V, 0.5A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25007MM Datasheet(HTML) 5 Page - Texas Instruments

  LM25007MM Datasheet HTML 1Page - Texas Instruments LM25007MM Datasheet HTML 2Page - Texas Instruments LM25007MM Datasheet HTML 3Page - Texas Instruments LM25007MM Datasheet HTML 4Page - Texas Instruments LM25007MM Datasheet HTML 5Page - Texas Instruments LM25007MM Datasheet HTML 6Page - Texas Instruments LM25007MM Datasheet HTML 7Page - Texas Instruments LM25007MM Datasheet HTML 8Page - Texas Instruments LM25007MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LM25007
www.ti.com
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
Electrical Characteristics
(1)
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 24V, RON = 200kΩ. .
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Startup Regulator
VCC Reg
VCC Regulator Output
6.6
7
7.4
V
VCC Current Limit
(2)
11
mA
VCC Supply
VCC undervoltage Lockout Voltage
6.3
V
(VCC increasing)
VCC Undervoltage Hysteresis
206
mV
VCC UVLO Delay (filter)
3
µs
Operating Current (ICC)
Non-Switching, FB = 3V
500
675
µA
Shutdown/Standby Current
RON/SD = 0V
70
150
µA
Switch Characteristics
Buck Switch Rds(on)
ITEST = 200mA,
0.74
1.34
Ω
VBST
−VSW = 6.3V(3)
Gate Drive UVLO (VBST – VSW)
Rising
3.4
4.5
5.5
V
Gate Drive UVLO Hysteresis
400
mV
Current Limit
Current Limit Threshold
535
725
900
mA
Current Limit Response Time
Iswitch Overdrive = 0.1A Time to
225
ns
Switch Off
OFF time generator (test 1)
FB=0V, RCL = 100K
17
µs
OFF time generator (test 2)
FB=2.3V, RCL = 100K
2.65
µs
On Time Generator
TON -1
Vin = 10V
2.15
2.77
3.5
µs
Ron = 200K
TON -2
Vin = 40V
450
615
810
ns
Ron = 200K
Remote Shutdown Threshold
Rising
0.45
0.7
1.1
V
Remote Shutdown Hysteresis
40
mV
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference
2.445
2.5
2.550
V
Trip point for switch ON
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
θJA
Junction to Ambient
DGK Package
200
°C/W
NGT Package
40
°C/W
(1)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C.
All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
(3)
For devices procured in the WSON-8 package the Rds(on) limits are guaranteed by design characterization data only.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com