Electronic Components Datasheet Search
  English  ▼

X  

LM25007MM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25007MM
Description  LM25007 42V, 0.5A Step-Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25007MM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25007MM Datasheet HTML 3Page - Texas Instruments LM25007MM Datasheet HTML 4Page - Texas Instruments LM25007MM Datasheet HTML 5Page - Texas Instruments LM25007MM Datasheet HTML 6Page - Texas Instruments LM25007MM Datasheet HTML 7Page - Texas Instruments LM25007MM Datasheet HTML 8Page - Texas Instruments LM25007MM Datasheet HTML 9Page - Texas Instruments LM25007MM Datasheet HTML 10Page - Texas Instruments LM25007MM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
F =
VOUT
1.42 x 10
-10 x R
ON
F =
VOUT
2 x L
1 x 10
-20 x R
Load x (RON)
2
LM25007
www.ti.com
SNVS401C – JANUARY 2006 – REVISED FEBRUARY 2013
DETAILED OPERATING DESCRIPTION
The LM25007 is a monolithic step-down switching regulator featuring all of the functions needed to implement
low cost, efficient, power supply. Capable of driving a 0.5Amp load over a 9-42V input voltage range, this device
is easy to apply and is provided in the small VSSOP-8 and the thermally enhanced WSON-8 packages. Ultra-fast
transient response is achieved through the use of a constant on-time architecture with Vin feed forward. This
feature provides and almost constant operating frequency over load and input voltage variations. The operating
frequency may be adjusted up to 800kHz depending on input and output voltages. This architecture is easy to
use and tolerant of component selection. An intelligent current limit is implemented in the LM25007 with forced
off time that is inversely proportional to Vout to ensure recovery from fault conditions. The output voltage may be
set from 2.5V to >30V. To improve efficiency in light load applications, the Vcc pin can be tied to an external
voltage source thus eliminating the drop through the integrated internal regulator. Additional protection features
include: thermal shutdown, Vcc under-voltage lockout, gate drive under-voltage lockout, and max duty cycle
limiter.
Hysteretic Control Circuit Overview
The LM25007 is a Buck DC-DC regulator that uses a constant on-time control scheme. The on-time is
programmed by an external resistor and varies inversely with line input voltage (Vin). The core regulation
elements of the LM25007 are the feedback comparator and the on-time one-shot. The regulator output voltage is
sensed at the feedback pin (FB) and is compared to an internal reference voltage (2.5V). If the FB signal is
below the reference voltage, the buck switch is turned on for a fixed time pulse determined by the line voltage
and a programming resistor (RON). Following the on period the switch will remain off for at least the minimum off
timer period of 300ns. If the FB pin voltage is still below the reference after the 300ns off-time, the switch will turn
on again for another on time period. This switching behavior will continue until the FB pin voltage reaches the
reference voltage level.
The LM25007 operates in discontinuous conduction mode at light load currents or continuous conduction mode
at heavier load currents. In discontinuous conduction mode, current through the output inductor starts at zero and
ramps up to a peak value during the buck switch on-time and then back to zero during the off-time. The inductor
current remains at zero until the next on-time period starts when FB falls below the internal reference. In
discontinuous mode the operating frequency is relatively low and will vary with load. Therefore at light loads the
conversion efficiency is maintained, since the switching losses decrease with the reduction in load current and
switching frequency. The approximate discontinuous mode operating frequency can be calculated as follows:
(1)
In continuous conduction mode, current flows continuously through the inductor and never ramps down to zero.
In this mode the operating frequency is greater than the discontinuous mode frequency and remains relatively
constant with load and line variations. The approximate continuous mode operating frequency can be calculated
as follows:
(2)
The output voltage (Vout) can be programmed by two external resistors as shown in Figure 6. The regulated
voltage is calculated as follows:
VOUT = 2.5 x (R3 + R4) / R4
(3)
The feedback comparator in hysteretic regulators depends on the output ripple voltage to switch the output
transistor on and off at regular intervals. In order for the internal comparator to respond quickly to changes in
output voltage, proportional to inductor current, a minimum amount of capacitor Equivalent Series Resistance
(ESR) is required. A ripple voltage of 25mV is recommended at the feedback pin (FB) for stable operation. In
cases where the intrinsic capacitor ESR is too small, additional series resistance may be added.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com