Electronic Components Datasheet Search
  English  ▼

X  

LM27313XMF Datasheet(PDF) 1 Page - Texas Instruments

Part # LM27313XMF
Description  LM27313/LM27313-Q1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF Datasheet(HTML) 1 Page - Texas Instruments

  LM27313XMF Datasheet HTML 1Page - Texas Instruments LM27313XMF Datasheet HTML 2Page - Texas Instruments LM27313XMF Datasheet HTML 3Page - Texas Instruments LM27313XMF Datasheet HTML 4Page - Texas Instruments LM27313XMF Datasheet HTML 5Page - Texas Instruments LM27313XMF Datasheet HTML 6Page - Texas Instruments LM27313XMF Datasheet HTML 7Page - Texas Instruments LM27313XMF Datasheet HTML 8Page - Texas Instruments LM27313XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 PF
R2
13.3k
CF
120 pF
D1
MBR0530
R1/205k
L1/10 PH
C2
4.7 PF
20V
OUT
130 mA
(TYP)
LM27313
SW
FB
GND
VIN
SHDN
U1
R3
51k
SHDN
GND
5 VIN
C1
2.2 PF
R2
13.3k
CF
220 pF
D1
MBR0520
R1/117k
L1/10 PH
C2
4.7 PF
12V
OUT
260 mA
(TYP)
LM27313
www.ti.com
SNVS487D – DECEMBER 2006 – REVISED APRIL 2013
LM27313/LM27313-Q1
Check for Samples: LM27313
1
FEATURES
DESCRIPTION
The LM27313 switching regulator is a current-mode
2
•
LM27313-Q1 is an Automotive Grade Product
boost converter with a fixed operating frequency of
that is AEC-Q100 Grade 1 Qualified (-40°C to
1.6 MHz.
+125°C Operating Junction Temperature)
The use of the SOT-23 package, made possible by
•
30V DMOS FET Switch
the minimal losses of the 800 mA switch, and small
•
1.6 MHz Switching Frequency
inductors and capacitors result in extremely high
•
Low RDS(ON) DMOS FET
power density. The 30V internal switch makes these
solutions perfect for boosting to voltages of 5V to
•
Switch Current up to 800 mA
28V.
•
Wide Input Voltage Range (2.7V–14V)
This part has a logic-level shutdown pin that can be
•
Low Shutdown Current (<1 µA)
used to reduce quiescent current and extend battery
•
5-Lead SOT-23 Package
life.
•
Uses Tiny Capacitors and Inductors
Protection is provided through cycle-by-cycle current
•
Cycle-by-Cycle Current Limiting
limiting and thermal shutdown. Internal compensation
•
Internally Compensated
simplifies design and reduces component count.
APPLICATIONS
•
White LED Current Source
•
PDA’s and Palm-Top Computers
•
Digital Cameras
•
Portable Phones, Games and Media Players
•
GPS Devices
Typical Application Circuits
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM27313XMF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27313XMF NSC-LM27313XMF Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Texas Instruments
LM27313XMF/NOPB TI-LM27313XMF/NOPB Datasheet
1Mb / 25P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
LM27313XMF/NOPB TI2-LM27313XMF/NOPB Datasheet
846Kb / 26P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
REVISED JANUARY 2015
LM27313XMF/NOPB.A TI2-LM27313XMF/NOPB.A Datasheet
846Kb / 26P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
REVISED JANUARY 2015
LM27313XMF/NOPB.B TI2-LM27313XMF/NOPB.B Datasheet
846Kb / 26P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
REVISED JANUARY 2015
More results

Similar Description - LM27313XMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
TMP61-Q1 TI1-TMP61-Q1_V02 Datasheet
1Mb / 34P
TMP61-Q1
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TDA4VH-Q1 TI-TDA4VH-Q1 Datasheet
5Mb / 296P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
LM2901-Q1 TI-LM2901-Q1_V02 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TDA4VH-Q1 TI-TDA4VH-Q1_V01 Datasheet
5Mb / 297P
TDA4VH-Q1, TDA4AH-Q1, TDA4VP-Q1, TDA4AP-Q1 Jacinto™ Processors
FEBRUARY 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com