Electronic Components Datasheet Search
  English  ▼

X  

LM27313XMF Datasheet(PDF) 3 Page - Texas Instruments

Part # LM27313XMF
Description  LM27313/LM27313-Q1
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313XMF Datasheet(HTML) 3 Page - Texas Instruments

  LM27313XMF Datasheet HTML 1Page - Texas Instruments LM27313XMF Datasheet HTML 2Page - Texas Instruments LM27313XMF Datasheet HTML 3Page - Texas Instruments LM27313XMF Datasheet HTML 4Page - Texas Instruments LM27313XMF Datasheet HTML 5Page - Texas Instruments LM27313XMF Datasheet HTML 6Page - Texas Instruments LM27313XMF Datasheet HTML 7Page - Texas Instruments LM27313XMF Datasheet HTML 8Page - Texas Instruments LM27313XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM27313
www.ti.com
SNVS487D – DECEMBER 2006 – REVISED APRIL 2013
Operating Ratings
VIN
2.7V to 14V
VSW(MAX)
30V
VSHDN
0V to VIN
Junction Temperature, TJ
(1)
-40°C to 125°C
θJ-A (SOT-23-5)
265°C/W
(1)
The maximum power dissipation which can be safely dissipated for any application is a function of the maximum junction temperature,
TJ(MAX) = 125°C, the junction-to-ambient thermal resistance for the SOT-23 package, θJ-A = 265°C/W, and the ambient temperature, TA.
The maximum allowable power dissipation at any ambient temperature for designs using this device can be calculated using the
formula:
If power dissipation exceeds the maximum specified above, the internal thermal protection circuitry will protect the device by reducing
the output voltage as required to maintain a safe junction temperature.
Electrical Characteristics
Unless otherwise specified: VIN = 5V, VSHDN = 5V, IL = 0 mA, and TJ = 25°C. Limits in standard typeface are for TJ = 25°C, and
limits in boldface type apply over the full operating temperature range (
−40°C ≤ TJ ≤ +125°C). Minimum and Maximum limits
are ensured through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ =
25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
VIN
Input Voltage
2.7
14
V
ISW
Switch Current Limit
See(1)
0.80
1.25
A
RDS(ON)
Switch ON Resistance
ISW = 100 mA
500
650
m
Ω
Device ON
1.5
VSHDN(TH)
Shutdown Threshold
V
Device OFF
0.50
VSHDN = 0
0
ISHDN
Shutdown Pin Bias Current
µA
VSHDN = 5V
0
2
VFB
Feedback Pin Reference Voltage
VIN = 3V
1.205
1.230
1.255
V
IFB
Feedback Pin Bias Current
VFB = 1.23V
60
nA
VSHDN = 5V, Switching
2.1
3.0
mA
IQ
Quiescent Current
VSHDN = 5V, Not Switching
400
500
µA
VSHDN = 0
0.024
1
ΔVFB/ΔVIN
FB Voltage Line Regulation
2.7V
≤ VIN ≤ 14V
0.02
%/V
fSW
Switching Frequency
1.15
1.6
1.90
MHz
DMAX
Maximum Duty Cycle
80
88
%
IL
Switch Leakage
Not Switching, VSW = 5V
1
µA
(1)
Switch current limit is dependent on duty cycle. Limits shown are for duty cycles
≤ 50%. See Figure 15 in Application Information –
MAXIMUM SWITCH CURRENT section.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com