Electronic Components Datasheet Search
  English  ▼

X  

LM2904A Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2904A
Description  Low-power dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2904A Datasheet HTML 2Page - STMicroelectronics LM2904A Datasheet HTML 3Page - STMicroelectronics LM2904A Datasheet HTML 4Page - STMicroelectronics LM2904A Datasheet HTML 5Page - STMicroelectronics LM2904A Datasheet HTML 6Page - STMicroelectronics LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics LM2904A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
LM2904, LM2904A
6/24
Doc ID 2471 Rev 14
3
Electrical characteristics
Table 3.
VCC+ = 5 V, VCC- = ground, VO = 1.4 V, Tamb = 25° C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tamb = 25° C LM2904
Tamb = 25° C LM2904A
Tmin ≤ Tamb ≤ Tmax LM2904
Tmin ≤ Tamb ≤ Tmax LM2904A
2
1
7
2
9
4
mV
DVio
Input offset voltage drift
7
30
µV/°C
Iio
Input offset current
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
230
40
nA
DIio
Input offset current drift
10
300
pA/°C
Iib
Input bias current (2)
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large signal voltage gain
VCC+ = +15 V, RL =2 kΩ, Vo = 1.4 V to 11.4 V
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection ratio (RS ≤10 kΩ)
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
ICC
Supply current, all amp, no load
Tamb = 25°C, VCC+ = +5 V
Tmin ≤ Tamb ≤ Tmax, VCC+ = +30 V
0.7
1.2
2
mA
Vicm
Input common mode voltage range (VCC+= +30 V)
(3)
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC+ -1.5
VCC+ -2
V
CMR
Common-mode rejection ratio (RS = 10 kΩ)
Tamb = 25° C
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output short-circuit current
VCC+ = +15 V, Vo = +2 V, Vid = +1 V
20
40
60
mA
Isink
Output sink current
VO = 2 V, VCC+ = +5 V
VO = +0.2 V, VCC+ = +15 V
10
12
20
50
mA
µA
VOH
High level output voltage (VCC+ = + 30 V)
Tamb = +25° C, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25° C, RL = 10 kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com