Electronic Components Datasheet Search
  English  ▼

X  

LM2904A Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2904A
Description  Low-power dual operational amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Datasheet(HTML) 4 Page - STMicroelectronics

  LM2904A Datasheet HTML 1Page - STMicroelectronics LM2904A Datasheet HTML 2Page - STMicroelectronics LM2904A Datasheet HTML 3Page - STMicroelectronics LM2904A Datasheet HTML 4Page - STMicroelectronics LM2904A Datasheet HTML 5Page - STMicroelectronics LM2904A Datasheet HTML 6Page - STMicroelectronics LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute maximum ratings and operating conditions
LM2904, LM2904A
4/24
Doc ID 2471 Rev 14
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
±16 or 32
V
Vid
Differential input voltage(2)
±32
V
Vin
Input voltage
-0.3 to 32
V
Output short-circuit duration (3)
Infinite
s
Iin
Input current (4): Vin driven negative
Input current (5): Vin driven positive above AMR value
5 mA in DC or 50 mA in AC
(duty cycle = 10%, T = 1s)
0.4
mA
Toper
Operating free-air temperature range
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient(6)
SO-8
TSSOP8
DIP8
MiniSO-8
DFN8 2x2
125
120
85
190
57
°C/W
Rthjc
Thermal resistance junction to case(6)
SO-8
TSSOP8
DIP8
MiniSO-8
40
37
41
39
°C/W
ESD
HBM: human body model(7)
300
V
MM: machine model(8)
200
V
CDM: charged device model(9)
1.5
kV
1.
All voltage values, except differential voltage are with respect to network ground terminal.
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3.
Short-circuits from the output to VCC can cause excessive heating if Vcc+ > 15 V. The maximum output current is
approximately 40 mA, independent of the magnitude of VCC.
Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
4.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward-biased and thereby acting as input diode clamp. In addition to this
diode action, there is NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the Op-
amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven negative.
This is not destructive and normal output is restored for input voltages above -0.3 V.
5.
The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor in series with
the inputs to limit the input current to 400 µA max (R = (Vin-32 V)/400 µA).
6.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
7.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
8.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
9.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com